Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V17405F Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MSM51V17405F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM51V17405F Datasheet(HTML) 7 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FEDD51V17405F-01
1Semiconductor
MSM51V17405F
7/17
AC CHARACTERISTICS (2/3)
(VCC = 3.3V ± 0.3V, Ta = 0 to 70°C) Note1,2,3,12,13
MSM51V17405
F-50
MSM51V17405
F-60
MSM51V17405
F-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
CAS to RAS Precharge Time
tCRP
5
5
5
ns
RAS Hold Time from CAS Precharge t
RHCP
30
35
40
ns
OE Hold Time from CAS
(DQ Disable)
tCHO
5
5
5
ns
RAS to CAS Delay Time
tRCD
11
37
14
45
14
50
ns
5
RAS to Column Address Delay Time t
RAD
9
2512301235
ns
6
Row Address Set-up Time
tASR
0
0
0
ns
Row Address Hold Time
tRAH
7
10
10
ns
Column Address Set-up Time
tASC
0
0
0
ns
Column Address Hold Time
tCAH
7
10
13
ns
Column Address to
RAS Lead Time
tRAL
25
30
35
ns
Read Command Set-up Time
tRCS
0
0
0
ns
Read Command Hold Time
tRCH
0
0
0
ns
9
Read Command Hold Time
referenced to
RAS
tRRH
0
0
0
ns
9
Write Command Set-up Time
tWCS
0
0
0
ns
10
Write Command Hold Time
tWCH
7
10
13
ns
Write Command Pulse Width
tWP
7
10
10
ns
WE Pulse Width (DQ Disable)
tWPE
7
10
10
ns
OE Command Hold Time
tOEH
7
10
13
ns
OE Precharge Time
tOEP
7
10
10
ns
OE Command Hold Time
tOCH
7
10
10
ns
Write Command to
RAS Lead Time
tRWL
7
10
13
ns
Write Command to
CAS Lead Time
tCWL
7
10
13
ns
Data-in Set-up Time
tDS
0
0
0
ns
11
Data-in Hold Time
tDH
7
10
13
ns
11
OE to Data-in Delay Time
tOED
13
15
20
ns
CAS to WE Delay Time
tCWD
30
34
44
ns
10
Column Address to
WE Delay Time
tAWD
42
49
59
ns
10
RAS to WE Delay Time
tRWD
67
79
94
ns
10
CAS Precharge WE Delay Time
tCPWD
47
54
64
ns
10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn