Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V17405DSL Datasheet(PDF) 17 Page - OKI electronic componets

Part # MSM51V17405DSL
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V17405DSL Datasheet(HTML) 17 Page - OKI electronic componets

Back Button MSM51V17405DSL Datasheet HTML 9Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 10Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 11Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 12Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 13Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 14Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 15Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 16Page - OKI electronic componets MSM51V17405DSL Datasheet HTML 17Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
¡ Semiconductor
MSM51V17405D/DSL
17/17
(Unit : mm)
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which
are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
0.29 TYP.
TSOP
II26/24-P-300-1.27-K
Mirror finish


Similar Part No. - MSM51V17405DSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17405A OKI-MSM51V17405A Datasheet
631Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405F OKI-MSM51V17405F Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405F-50SJ OKI-MSM51V17405F-50SJ Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405F-50TS-K OKI-MSM51V17405F-50TS-K Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405F-60SJ OKI-MSM51V17405F-60SJ Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM51V17405DSL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405A OKI-MSM51V17405A Datasheet
631Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405C OKI-MSM5117405C Datasheet
678Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405D OKI-MSM5117405D Datasheet
193Kb / 15P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116405A OKI-MSM5116405A Datasheet
596Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405B OKI-MSM5117405B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405A OKI-MSM51V16405A Datasheet
602Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM519205 OKI-MSM519205 Datasheet
675Kb / 18P
   4,194,304-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com