Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-814 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HCPL-814
Description  AC Input Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HCPL-814 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Agilent HCPL-814
AC Input Phototransistor
Optocoupler
High Density Mounting Type
Data Sheet
Functional Diagram
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Features
• AC input response
• High input-output isolation voltage
(Viso = 5,000 Vrms)
• Low collector dark current
(ICEO: max. 10-7 A at VCE = 20 V)
• Current transfer ratio
(CTR: min. 20% at IF = ± 1 mA,
VCE = 5 V)
• Response time
(tr: typ. 4 µs at VCE = 2 V, IC = 2 mA,
RL = 100 Ω)
• Compact dual-in-line package
• UL approved
• CSA approved
• IEC/EN/DIN EN 60747-5-2
approved
• Options available:
– Leads with 0.4" (10.16 mm)
spacing (W00)
– Leads bend for surface
mounting (300)
– Tape and reel for SMD (500)
– IEC/EN/DIN EN 60747-5-2
approvals (060)
Applications
• Detecting or monitoring AC signals
• AC line/digital logic isolation
• Programmable logic controllers
• AC/DC – input modules
Ordering Information
Specify Part Number followed by
Option Number (if desired).
HCPL-814-XXXE
Lead Free
Option Number
000 = No Options
060 = IEC/EN/DIN EN 60747-5-2
Option
W00 = 0.4" Lead Spacing Option
300 = Lead Bend SMD Option
500 = Tape and Reel Packaging
Option
00A = Rank Mark A
Description
The HCPL-814 contains a
phototransistor, optically coupled
to two light emitting diodes
connected inverse parallel. It can
operate directly by AC input
current. It is packaged in a 4-pin
DIP package and available in wide-
lead spacing option and lead bend
SMD option. Input-output isolation
voltage is 5000 Vrms. Response
time, tr, is typically 4 µs and
minimum CTR is 20% at input
current of
± 1 mA.
4
1. ANODE, CATHODE
2. CATHODE, ANODE
3. EMITTER
4. COLLECTOR
3
1
2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn