Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-814 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HCPL-814
Description  AC Input Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HCPL-814 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs.
temperature.
Figure 3. Collector-emitter saturation voltage
vs. forward current.
Rank Mark
CTR (%)
Conditions
A
50 ~ 150
IF = ±1 mA,
No Mark
20 ~ 300
VCE = 5 V,
TA = 25˚C
Notes:
1. Isolation voltage shall be measured using the following method:
(a) Short between anode and cathode on the primary side and between collector and emitter
on the secondary side.
(b) The isolation voltage tester with zero-cross circuit shall be used.
(c) The waveform of applied voltage shall be a sine wave.
2. CTR =
x 100%
IC
IF
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
–1.2
1.4
V
IF = ±20 mA
Terminal Capacitance
Ct
50
250
pF
V = 0, f = 1 kHz
Collector Dark Current
ICEO
100
nA
VCE = 20 V, IF = 0
Collector-Emitter Breakdown Voltage
BVCEO
35
––V
IC = 0.1 mA, IF = 0
Emitter-Collector Breakdown Voltage
BVECO
6
––V
IE = 10 µA, IF = 0
Collector Current
IC
0.2
3
mA
IF = ±1 mA,
Current Transfer Ratio[2]
CTR
20
300
%
VCE = 5 V
Collector-Emitter Saturation Voltage
VCE(sat)
–0.1
0.2
V
IF = ±20 mA, IC = 1 mA
Isolation Resistance
Riso
5 x 1010
1 x 1011
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1
pF
V = 0, f = 1 MHz
Cut-off Frequency
fc
15
80
kHz
VCE = 5 V, IC = 2 mA
RL = 100 Ω, –3 dB
Response Time (Rise)
tr
–4
18
µsVCE = 2 V, IC = 2 mA,
Response Time (Fall)
tf
–3
18
µsRL = 100 Ω
0
IF – FORWARD CURRENT – mA
10.0
15.0
2
5.0
0
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
2.5
7.5
12.5
0
TA – AMBIENT TEMPERATURE – °C
75
125
50
25
10
40
0
50
100
-30
60
30
20
0
TA – AMBIENT TEMPERATURE – °C
100
50
200
150
75
125
25
0
50
100
-30


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn