Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V17405D Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM51V17405D
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V17405D Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51V17405D Datasheet HTML 1Page - OKI electronic componets MSM51V17405D Datasheet HTML 2Page - OKI electronic componets MSM51V17405D Datasheet HTML 3Page - OKI electronic componets MSM51V17405D Datasheet HTML 4Page - OKI electronic componets MSM51V17405D Datasheet HTML 5Page - OKI electronic componets MSM51V17405D Datasheet HTML 6Page - OKI electronic componets MSM51V17405D Datasheet HTML 7Page - OKI electronic componets MSM51V17405D Datasheet HTML 8Page - OKI electronic componets MSM51V17405D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
¡ Semiconductor
MSM51V17405D/DSL
1/17
DESCRIPTION
The MSM51V17405D/DSL is a 4,194,304-word ¥ 4-bit dynamic RAM fabricated in Oki's silicon-gate
CMOS technology. The MSM51V17405D/DSL achieves high integration, high-speed operation,
andlow-powerconsumptionbecauseOkimanufacturesthedeviceinaquadruple-layerpolysilicon/
double-layermetalCMOSprocess.TheMSM51V17405D/DSLisavailableina26/24-pinplasticSOJ
or 26/24-pin plastic TSOP. The MSM51V17405DSL (the self-refresh version) is specially designed
for lower-power applications.
FEATURES
• 4,194,304-word ¥ 4-bit configuration
• Single 3.3 V power supply,
±0.3 V tolerance
• Input
: LVTTL compatible, low input capacitance
• Output : LVTTL compatible, 3-state
• Refresh : 2048 cycles/32 ms, 2048 cycles/128 ms (SL version)
• Fast page mode with EDO, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• CAS before RAS self-refresh capability (SL version)
• Multi-bit test mode capability
• Package options:
26/24-pin 300 mil plastic SOJ
(SOJ26/24-P-300-1.27)
(Product : MSM51V17405D/DSL-xxSJ)
26/24-pin 300 mil plastic TSOP
(TSOPII26/24-P-300-1.27-K) (Product : MSM51V17405D/DSL-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM51V17405D/DSL
4,194,304-Word
¥ 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17405D/DSL-70 70 ns
124 ns
84 ns
288 mW
360 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM51V17405D/DSL-50
tRAC
50 ns
35 ns
tAA
25 ns
20 ns
tCAC
13 ns
20 ns
tOEA
13 ns
MSM51V17405D/DSL-60 60 ns
104 ns
324 mW
30 ns
15 ns
15 ns
Operating (Max.)
1.8 mW/
0.72 mW (SL version)
E2G0125-17-61
This version: Mar. 1998


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn