Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V17405D Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MSM51V17405D
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM51V17405D Datasheet(HTML) 7 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
¡ Semiconductor
MSM51V17405D/DSL
7/17
AC Characteristics (2/2)
MSM51V17405
D/DSL-60
MSM51V17405
D/DSL-70
MSM51V17405
D/DSL-50
Write Command Pulse Width
Write Command to
CAS Lead Time
Write Command to
RAS Lead Time
Data-in Set-up Time
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to
WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
OE Command Hold Time
OE to Data-in Delay Time
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C) Note 1, 2, 3, 12, 13
Write Command Set-up Time
tWP
tCWL
tRWL
tDS
tCWD
tRWD
tAWD
tCHR
tRPC
tDH
tWCH
tOEH
tOED
tWCS
Min.
Max.
Parameter
Symbol
Unit Note
Min.
Max.
Min.
Max.
RAS to CAS Set-up Time (CAS before RAS)tCSR
WE to RAS Precharge Time (CAS before RAS) tWRP
WE Hold Time from RAS (CAS before RAS)tWRH
RAS to WE Set-up Time (Test Mode)
tWTS
CAS Precharge WE Delay Time
tCPWD
RAS to WE Hold Time (Test Mode)
tWTH
11
10
10
10
11
10
10
10
10
10
10
10
0
34
79
49
5
10
5
10
10
15
0
54
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
10
10
10
10
7
0
30
67
42
5
10
5
7
7
13
0
47
10
10
10
10
10
0
44
94
59
5
10
5
13
13
20
0
64
RAS Pulse Width
tRASS
14
100
ms
100
100
(
CAS before RAS Self-Refresh)
RAS Precharge Time
tRPS
14
110
ns
90
130
(
CAS before RAS Self-Refresh)
CAS Hold Time
tCHS
14
–50
ns
–50
–50
(
CAS before RAS Self-Refresh)
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to
RAS
tRCS
tRCH
tRRH
9
9
ns
ns
ns
0
0
0
0
0
0
0
0
0
WE Pulse Width (DQ Disable)
tWPE
ns
OE Command Hold Time
tOCH
ns
OE Precharge Time
tOEP
ns
10
7—
10
10
7—
13
10
7—
10
10
7—
10
10
7—
13
10
7—
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn