Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V17405D Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM51V17405D
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V17405D Datasheet(HTML) 4 Page - OKI electronic componets

  MSM51V17405D Datasheet HTML 1Page - OKI electronic componets MSM51V17405D Datasheet HTML 2Page - OKI electronic componets MSM51V17405D Datasheet HTML 3Page - OKI electronic componets MSM51V17405D Datasheet HTML 4Page - OKI electronic componets MSM51V17405D Datasheet HTML 5Page - OKI electronic componets MSM51V17405D Datasheet HTML 6Page - OKI electronic componets MSM51V17405D Datasheet HTML 7Page - OKI electronic componets MSM51V17405D Datasheet HTML 8Page - OKI electronic componets MSM51V17405D Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
¡ Semiconductor
MSM51V17405D/DSL
4/17
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended Operating Conditions
Capacitance
*: Ta = 25
°C
Voltage on Any Pin Relative to VSS
Short Circuit Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
Symbol
IOS
PD*
Topr
Tstg
–0.5 to 4.6
50
1
0 to 70
–55 to 150
Rating
mA
W
°C
°C
Parameter
V
Unit
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
Symbol
VSS
VIH
VIL
3.3
0
Typ.
Parameter
3.0
0
2.0
–0.3
Min.
3.6
0
VCC + 0.3
0.8
Max.
(Ta = 0°C to 70°C)
V
Unit
V
V
V
Input Capacitance (A0 - A10)
Input Capacitance (
RAS, CAS, WE, OE)
Output Capacitance (DQ1 - DQ4)
CIN1
Symbol
CIN2
CI/O
5
7
7
Max.
pF
Unit
pF
pF
Parameter
(VCC = 3.3 V ±0.3 V, Ta = 25°C, f = 1 MHz)
Typ.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn