Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V17405D Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM51V17405D
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM51V17405D Datasheet(HTML) 2 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
¡ Semiconductor
MSM51V17405D/DSL
2/17
PIN CONFIGURATION (TOP VIEW)
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
26/24-Pin Plastic SOJ
26/24-Pin Plastic TSOP
(K Type)
3
4
5
9
10
11
12
13
DQ2
A0
A1
A2
A3
VCC
24
23
22
18
17
16
15
14
DQ3
A7
A6
A5
A4
VSS
2
DQ1
25 DQ4
1
VCC
26 VSS
3
4
5
9
10
11
12
13
24
23
22
18
17
16
15
14
2
25
1
26


6
NC
21 A9
21
8
A10
19 A8
19
6
8
DQ2
A0
A1
A2
A3
VCC
DQ1
VCC
NC
A10
DQ3
A7
A6
A5
A4
VSS
DQ4
VSS
A9
A8
Pin Name
Function
A0 - A10
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ4
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (3.3 V)
VSS
Ground (0 V)
WE
CAS
WE
CAS
RAS
OE
RAS
OE
NC
No Connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn