Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146CV30 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62146CV30
Description  256K x 16 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146CV30 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62146CV30 Datasheet HTML 1Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 2Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 3Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 4Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 5Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 6Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 7Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 8Page - Cypress Semiconductor CY62146CV30 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62146CV30 MoBL™
Document #: 38-05203 Rev. **
Page 3 of 12
Electrical Characteristics Over the Operating Range
Parame-
ter
Description
Test Conditions
-55
-70
Unit
Min.
Typ.[3]
Max.
Min.
Typ.[3]
Max.
VOH
Output HIGH Voltage
IOH = –1.0 mA
VCC = 2.7V
2.4
2.4
V
VOL
Output LOW Voltage
IOL = 2.1mA
VCC = 2.7V
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC +
0.3V
1.8
VCC +
0.3V
V
VIL
Input LOW Voltage
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage Cur-
rent
GND < VO < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating Supply
Current
f = fMAX = 1/tRC
VCC = 3.3V
IOUT = 0 mA
CMOS Levels
12
25
7
15
mA
f = 1 MHz
1.5
3
1.5
3
ISB1
Automatic CE Pow-
er-Down Current—
CMOS Inputs
CE > VCC – 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = fmax (Address and Data Only),
f=0 (OE,WE,BHE and BLE)
7
15
7
15
µA
ISB2
Automatic CE Pow-
er-Down Current—
CMOS Inputs
CE > VCC – 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, Vcc=3.3V
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ.)
6
pF
COUT
Output Capacitance
8
pF
Thermal Resistance
Description
Test Conditions
Symbol
BGA
Units
Thermal Resistance
(Junction to Ambient)[5]
Still Air, soldered on a 4.25 × 1.125 inch, four-layer
printed circuit board
Θ
JA
55
°C/W
Thermal Resistance
(Junction to Case)[5]
Θ
JC
16
°C/W
Note:
5.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62146CV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
More results

Similar Description - CY62146CV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
CY62147CV33 CYPRESS-CY62147CV33 Datasheet
301Kb / 14P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18 Datasheet
272Kb / 12P
   256K x 16 Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33 Datasheet
226Kb / 11P
   256K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS4016V1C WEIDA-WCFS4016V1C Datasheet
219Kb / 9P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com