Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM385-2.5CXBG Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # LM385-2.5CXBG
Description  Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385-2.5CXBG Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  LM385-2.5CXBG Datasheet HTML 1Page - Analog Intergrations Corporation LM385-2.5CXBG Datasheet HTML 2Page - Analog Intergrations Corporation LM385-2.5CXBG Datasheet HTML 3Page - Analog Intergrations Corporation LM385-2.5CXBG Datasheet HTML 4Page - Analog Intergrations Corporation LM385-2.5CXBG Datasheet HTML 5Page - Analog Intergrations Corporation LM385-2.5CXBG Datasheet HTML 6Page - Analog Intergrations Corporation LM385-2.5CXBG Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM385-2.5/LM385B-2.5
2
n ORDERING INFORMATION
PIN CONFIGURATION
1
2
3
SOT-89
TOP VIEW
1: NC
2: -
3: +
NC
+
NC
NC
-
NC
NC
NC
SO-8
TOP VIEW
1
2
3
TO-92
TOP VIEW
1: NC
2: +
3: -
SOT-23
TOP VIEW
1: -
2: +
3: NC
1
2
3
Example: LM385-2.5CSTR
à 2% version, in SO-8 Package & Taping &
Reel Packing Type
(CS is not available in BAG packing type.)
LM385X-2.5C XXX
PACKING TYPE
BG: BAG
TB: TUBE (for SO-8)
TR: TAPE & REEL
PACKAGE TYPE
S:
SMALL OUTLINE
U:
SOT-23
X:
SOT-89
Z:
TO-92
TOLERANCE
Default: 2%
B: 1%
1
3
4
2
8
6
5
7
n ABSOLUTE MAXIMUM RATINGS
Reverse Current ....… .................……………… ........................................................ 30mA
Forward Current
……… ....................................… .......………… ..............................10mA
Operating Temperature Range.
.…………………… ............…… ......…… ........ 0
°C to 70°C
Storage Temperature
.............................………… .....…… ......................... -65
°C to 150°C
Lead Temperature
TO-92 Package Soldering (10 seconds)
..................…………………… ................... 260
°C
SO Package Vapor phase (60 seconds)
............……………… ......…… ................... 215
°C
n TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.


Similar Part No. - LM385-2.5CXBG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM385-2.5 NSC-LM385-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM385-2.5 TI-LM385-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
Linear Technology
LM385-2.5 LINER-LM385-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM385-2.5 TI-LM385-2.5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

Similar Description - LM385-2.5CXBG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com