Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC104S1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LC104S1
Description  PRELIMINARY SPECIFICATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC104S1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC104S1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC104S1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Page 4 / 28
SPECIFICATION
Liquid Crystal Display LC104S1-A1
1. General Description
The LC104S1-A1 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transflective type(1) display operating in the normally white mode. This TFT-LCD has 10.4 inches
diagonally measured active display area with SVGA resolution(600 vertical by 800 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 6-bit gray scale signal for each dot,
thus, presenting a palette of more than 262,144 colors.
The LC104S1-A1 has been designed to apply the interface method that enables low power. Flat Link
must be used as a LVDS(Low Voltage Differential Signaling) chip.
The LC104S1-A1 is intended to support applications where thin thickness, low power are critical factors
and graphic display are important. In combination with the vertical arrangement of the sub-pixels, the
LC104S1-A1 characteristics provide an excellent flat display for office automation products such as
Tough PC.
(ref. No. 1 : Transflective type means that has a function of transmissive and reflective mode in display and
display is visible indoor or outdoor under dark and sunlight at all.)
General Features
Display operating mode
Active screen size
Outline Dimension
Pixel Pitch
Pixel format
Color depth
Luminance, white
Power Consumption
Weight
Surface treatments
Transflective mode, Normally White
10.4 inches (26.4 cm) diagonal
224.5 (H) x 172.0 (V) x 6.1 (D) mm (Typ.) Pls refer to page 20 for details.
0.88 mm x RGB X 0.264mm
800 horiz. By 600 vert. Pixels (RGB stripes arrangement)
6-bit, about 262,144 colors
120 cd/m2 (Typ.) (Transmissive only) , reflectance = 14%
0.9W logic (typ.) / 3.0W CCFL(1) (TYP.)
310g (Typ.)
320g (Max.)
Hard coating (3H) of the front polarizer
Anti-glare treatment of the rear polarizer
Column driver circuit
TFT-LCD
(800 X 600)
Timing
Control
Block
Power
Block
Backlight Ass’y
CN2
Alpha Point Ltd.
Vernissakatu 8A
01300 Vantaa, Finland
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2
http://www.alpha.fi


Similar Part No. - LC104S1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LC104 SUMIDA-LC104 Datasheet
115Kb / 1P
   General Power Transformer
LC104B SUMIDA-LC104B Datasheet
118Kb / 1P
   General Power Transformer
logo
Cornell Dubilier Electr...
LC104M CDE-LC104M Datasheet
142Kb / 1P
   EIA Class 3, Semiconductor Type Reduced Titanite Disc Ceramic Capacitors
logo
Littelfuse
LC104R2K LITTELFUSE-LC104R2K Datasheet
194Kb / 2P
   LC Series Miniature Thermistors
Revised: March 23, 2021
More results

Similar Description - LC104S1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com