Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKM26 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part No. SKM26
Description  Surface Mount Schottky Barrier rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SKM26 Datasheet(HTML) 1 Page - Mospec Semiconductor

  SKM26 Datasheet HTML 1Page - Mospec Semiconductor SKM26 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SKM26
Surface Mount
Schottky Barrier rectifiers
Using the Schottky Barrier principle with a Molybdenum
barrier meta.
These state-of-the-art geometry features
epitaxial construction with oxide
passivation and metal overlay contact.
Ideally suited for low voltage,
high
frequency rectification, or as free wheeling and polarity protection diodes, in
surface mount applications where compact size and weight are critical to the
system.
*Low Forward Voltage.
*Low Switching noise.
*High Current Capacity
*Guarantee Reverse Avalanche.
*Guard-Ring for Stress Protection.
*Low Power Loss & High efficiency.
*125℃ Operating Junction Temperature
*Low Stored Charge Majority Carrier Conduction.
*Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
Mechanical Data
*Case:Molded Plastic
*Termals:Plated lead,solderable per MIL-STD-750, Method 2026
*Plolarity:Indicated by Cathode band
*Weight:0.002 ounce,0.064 gram
Plating pb free is indicated by box
SCHOTTKY BARRIER
RECTIFIERS
2.0 AMPERES
MAXIMUM RATINGS
Characteristic
Symbol
SKM26
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectifier Forward Current
IO
2.0
A
Non-Repetitive Peak Surge Current
(Surge applied at
rate load conditions halfware, single phase, 60Hz)
IFSM
30
A
Operating and Storage Junction Temperature Range
TJ , TSTG
-65 to +125
60 VOLTS
DO-214AC(SMA)
MILLIMETERS
DIM
MIN
MAX
A
2.20
2.80
B
4.10
4.70
C
1.30
1.70
D
4.70
5.30
E
1.90
2.50
F
1.30
G
0.30
H
0.95
1.50
CASE---
Transfer molded
plastic
OLARITY---
Cathode indicated
polarity band
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
SKM26
Unit
Maximum Instantaneous Forward Voltage
( IF =0.1 Amp )
( IF =2.0 Amp )
VF
Min
---
---
Typ.
0.30
0.58
Max
0.31
0.59
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃ )
( Rated DC Voltage, TC = 125℃ )
IR
---
---
0.07
12
0.1
15
mA
Maxmum Thermal Resistance Junction to Lead
(Note.1)
RthjL
20.0
℃/W
Typical Junction Capacitance
( Reverse Voltage of 4 volts & f=1 MHz )
CP
100
PF
Note:
1. Mounted 1 inch square PCB


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn