Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1647572 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1647572
Description  Sealing bolt - VC-KV-VB 8
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1647572 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1647572 Datasheet HTML 1Page - PHOENIX CONTACT 1647572 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1647572
12/24/2018   Page 1 / 2
Sealing bolt - VC-KV-VB 8 - 1647572
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sealing bolt for closing unoccupied holes in multiple gaskets for cable screw connections
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918941574
Technical data
Dimensions
Length
25 mm
Diameter
8 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 100 °C
General
Material
PE
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values


Similar Part No. - 1647572

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1647530 PHOENIX-1647530 Datasheet
98Kb / 3P
   HC-M-DSUB 09-MOD-ST
logo
Adels-Contact
16475305 ADELS-16475305 Datasheet
124Kb / 2P
   AC 166 VLCG/315 050 white
15/11/2019
16475310 ADELS-16475310 Datasheet
124Kb / 2P
   AC 166 VLCG/315 100 white
15/11/2019
16475320 ADELS-16475320 Datasheet
124Kb / 2P
   AC 166 VLCG/315 200 white
15/11/2019
16475330 ADELS-16475330 Datasheet
124Kb / 2P
   AC 166 VLCG/315 300 white
15/11/2019
More results

Similar Description - 1647572

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1647569 PHOENIX-1647569 Datasheet
45Kb / 2P
   Sealing bolt - VC-KV-VB 6
1647585 PHOENIX-1647585 Datasheet
42Kb / 2P
   Sealing bolt - VC-KV-VB 9
1647556 PHOENIX-1647556 Datasheet
45Kb / 2P
   Sealing bolt - VC-KV-VB 6
1647598 PHOENIX-1647598 Datasheet
43Kb / 2P
   Sealing bolt - VC-KV-VB12
1647608 PHOENIX-1647608 Datasheet
42Kb / 2P
   Sealing bolt - VC-KV-VB13
1853735 PHOENIX-1853735 Datasheet
76Kb / 3P
   VC-K-KV-PG16( 5- 8)
1885677 PHOENIX-1885677 Datasheet
100Kb / 3P
   VC-M-KV-PG21 4X6,5
1607884 PHOENIX-1607884 Datasheet
49Kb / 2P
   Coding bolt - VC-CB-T
1607888 PHOENIX-1607888 Datasheet
49Kb / 2P
   Coding bolt - VC-CB-A
1885554 PHOENIX-1885554 Datasheet
94Kb / 3P
   VC-K-KV-PG21 2X6/2X8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com