Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC3G34DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC3G34DC
Description  Triple Buffer Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC3G34DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC3G34DC Datasheet HTML 6Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 7Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 8Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 9Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 10Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 11Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 12Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 13Page - NXP Semiconductors 74HC3G34DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2003 May 19
10
Philips Semiconductors
Product specification
Triple buffer gate
74HC3G34; 74HCT3G34
AC WAVEFORMS
handbook, halfpage
MNA746
tPLH
tPHL
VM
VM
90%
10%
VM
VM
nY output
nA input
VI
GND
VOH
VOL
tTLH
tTHL
Fig.4 The input (nA) to output (nY) propagation delays and the output transition times.
For 74HC3G: VM = 50%; VI = GND to VCC.
For 74HCT3G: VM = 1.3 V; VI = GND to 3.0 V.
handbook, full pagewidth
open
GND
50 pF
VCC
VCC
VI
VO
MNA742
D.U.T.
CL =
RT
RL =
1 k
PULSE
GENERATOR
S1
Fig.5 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND


Similar Part No. - 74HC3G34DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G34DC NXP-74HC3G34DC Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Nexperia B.V. All right...
74HC3G34DC NEXPERIA-74HC3G34DC Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
74HC3G34DC-Q100 NEXPERIA-74HC3G34DC-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G34DC-Q100 NEXPERIA-74HC3G34DC-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
More results

Similar Description - 74HC3G34DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G34 PHILIPS-74LVC3G34 Datasheet
79Kb / 14P
   Triple buffer gate
Rev. 03-31 January 2005
74HC3G34 NXP-74HC3G34 Datasheet
90Kb / 13P
   Triple buffer gate
Rev. 05-7 May 2009
logo
Unisonic Technologies
U74AHC3G34 UTC-U74AHC3G34 Datasheet
166Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HCT3G34-Q100 NEXPERIA-74HCT3G34-Q100 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 2 - 11 June 2018
74HCT3G34 NEXPERIA-74HCT3G34 Datasheet
196Kb / 13P
   Triple buffer gate
Rev. 7 - 11 June 2018
logo
Texas Instruments
SN74LVC3G34 TI1-SN74LVC3G34_15 Datasheet
903Kb / 21P
[Old version datasheet]   Triple Buffer Gate
SN74LVC3G34 TI-SN74LVC3G34_07 Datasheet
533Kb / 13P
[Old version datasheet]   TRIPLE BUFFER GATE
logo
Unisonic Technologies
U74HCT3G34 UTC-U74HCT3G34 Datasheet
165Kb / 4P
   TRIPLE BUFFER GATE
logo
Nexperia B.V. All right...
74HC3G34-Q100 NEXPERIA-74HC3G34-Q100 Datasheet
197Kb / 13P
   Triple buffer gate
74HC3G16 NEXPERIA-74HC3G16 Datasheet
184Kb / 9P
   Triple buffer gate
Rev. 3 - 17 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com