Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWEP12-06 Datasheet(PDF) 2 Page - IXYS Corporation

Part # DWEP12-06
Description  Rectifier Diodes & FRED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DWEP12-06 Datasheet(HTML) 2 Page - IXYS Corporation

  DWEP12-06 Datasheet HTML 1Page - IXYS Corporation DWEP12-06 Datasheet HTML 2Page - IXYS Corporation DWEP12-06 Datasheet HTML 3Page - IXYS Corporation DWEP12-06 Datasheet HTML 4Page - IXYS Corporation DWEP12-06 Datasheet HTML 5Page - IXYS Corporation DWEP12-06 Datasheet HTML 6Page - IXYS Corporation DWEP12-06 Datasheet HTML 7Page - IXYS Corporation DWEP12-06 Datasheet HTML 8Page - IXYS Corporation DWEP12-06 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
© 2004 IXYS All rights reserved
Symbols and Definitions
C
ies
Input capacitance of IGBT
C
iss
Input capacitance of MOSFET
-di/dt
Rate of decrease of forward current
I
C
DC collector current
I
D
Drain current
I
F
Forward current of diode
I
F(AV)M
Maximum average forward current at specified T
h
I
FSM
Peak one cycle surge forward current
I
GT
Gate trigger current
I
R
Reverse current
I
RM
Maximum peak recovery current
I
T
Forward current of thyristor
I
T(AV)M
Maximum average on-state current of a thyristor
at specified T
h
I
TSM
Maximum surge current of a thyristor
R
DS(on)
Static drain-source on-state resistance
R
thjc
Thermal resistance junction to case
r
T
Slope resistance of a thyristor or diode
(for power loss calculations)
T
case
Case temperature
T
h
Heatsink temperature
t
fi
Current fall time with inductive load
T
j,
T
(vj)
Junction temperature
T
jm,
T
(vj)m
Maximum junction temperature
t
rr
Reverse recovery time of a diode
V
CE(sat)
Collector-emitter saturation voltage
V
CES
Maximum collector-emitter voltage
V
DRM
Maximum repetitive forward blocking
voltage of thyristor
V
DSS
Drain-source break-down voltage
V
F
Forward voltage of diode
V
R
Reverse voltage
V
RRM
Maximum peak reverse voltage of thyristor or
diode
V
T
On-state voltage of thyristor
V
T0
Threshold voltage of thyristors or diodes (for
power loss calculation only)
Chip and DCB Ceramic Substrates Data book
Edition 2004
Published by IXYS Semiconductor GmbH
Marketing Communications
Edisonstraße 15, D-68623 Lampertheim
© IXYS Semiconductor GmbH
All Rights reserved
As far as patents or other rights of third parties are concerned, liability is only
assumed for chips and DCB parts per se, not for applications, processes and
circuits implemented with components or assemblies. Terms of delivery and the
right to change design or specifications are reserved.
Nomenclature
IGBT and MOSFET Discrete
IXSD 40N60A
(Example)
IX
IXYS
Die technology
E
NPT3 IGBT
F
HiPerFETTM Power MOSFET
G
Fast IGBT
S
IGBT with SCSOA capability
T
Standard Power MOSFET
D
Unassembled chip (die)
40
Current rating, 40 = 40 A
N
N-channel type
P
P-channel type
60
Voltage class, 60 = 600 V
xx
MOSFET
A
Prime RDS(on) for standard MOSFET
Q
Low gate charge die
Q2
Low gate charge die, 2nd generation
P
PolarHTTM Power MOSFET
L
Linear Mode MOSFET
IGBT
--
No letter, low VCE(sat)
A
Or A2, std speed type
B
Or B2, high speed type
C
Or C2, very high speed type
W-CWP 55-12/18
(Thyristor Example)
W
Package type
C
Chip function
C = Silicon phase control thyristor
W
Unassembled chip
P
Process designator
P = Planar passivated chip
cathode on top
55
Current rating value of one chip in A
12/18
Voltage class, 12/18 = 1200 up to 1800 V
Diode and Thyristor Chips
C-DWEP 69-12
(Diode Example)
C
Package type
D
Chip function
D = Silicon rectifier diode
W
Unassembled chip
EP
Process designator
EP = Epitaxial rectifier diode
N
= Rectifier diode, cathode on top
P
= Rectifier diode, anode on top
FN = Fast Rectifier diode, cathode on top
FP = Fast Rectifier diode, anode on top
69
Current rating value of one chip in A
-12
Voltage class, 12 = 1200 V
Registration No.:
001947 TS2/765/17557
Registration No.:
001947
Chip-Shortform2004.pmd
26.10.2004, 12:44
2


Similar Part No. - DWEP12-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DWE0.5-8 ETC2-DWE0.5-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE0.75-8 ETC2-DWE0.75-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE1-8 ETC2-DWE1-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE1.5-8 ETC2-DWE1.5-8 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
DWE10-12 ETC2-DWE10-12 Datasheet
144Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
More results

Similar Description - DWEP12-06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
L566 IXYS-L566 Datasheet
54Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
   Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
   Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Shenzhen Luguang Electr...
MUR80120P LUGUANG-MUR80120P Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes FRED Pt
Revision:20220701-P1
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
   ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
   ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com