Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN330SP8932 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN330SP8932
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN330SP8932 Datasheet(HTML) 4 Page - STMicroelectronics

  VN330SP8932 Datasheet HTML 1Page - STMicroelectronics VN330SP8932 Datasheet HTML 2Page - STMicroelectronics VN330SP8932 Datasheet HTML 3Page - STMicroelectronics VN330SP8932 Datasheet HTML 4Page - STMicroelectronics VN330SP8932 Datasheet HTML 5Page - STMicroelectronics VN330SP8932 Datasheet HTML 6Page - STMicroelectronics VN330SP8932 Datasheet HTML 7Page - STMicroelectronics VN330SP8932 Datasheet HTML 8Page - STMicroelectronics VN330SP8932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VN330SP(8932)
4/12
ELECTRICAL CHARACTERISTICS (continued)
Table 7. Switching (VCC =24V)
Table 8. Protections
Note: (3) Status determination > 100 ms after the switching edge.
Note: If INPUTn pin is left floating the corresponding channel will automatically switch off. If GND pin is disconnetted, all channels will switch
off provided VCC does not exceed 36V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time of
Output Current
IOUT=0.5A; Resistive Load
Input Rise Time < 0.1µs
Tj=25°C
Tj=125°C
30
40
60
µs
µs
tr
Rise Time of Output
Current
IOUT=0.5A; Resistive Load
Input Rise Time < 0.1µs
Tj=25°C
Tj=125°C
50
100
115
µs
µs
td(off)
Turn-off Delay Time of
Output Current
IOUT=0.5A; Resistive Load
Input Rise Time < 0.1µs
Tj=25°C
Tj=125°C
20
30
40
µs
µs
tf
Fall Time of Output Current
IOUT=0.5A; Resistive Load
Input Rise Time < 0.1µs
Tj=25°C
Tj=125°C
815
20
µs
µs
(di/dt)on
Turn-on Current Slope
IOUT=0.5A
IOUT=Ilim; Tj =25°C
0.5
2
A/µs
A/µs
(di/dt)off
Turn-off Current Slope
IOUT=0.5A
IOUT=Ilim; Tj =25°C
2
4
A/µs
A/µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
(3)
Status Voltage Output Low ISTAT=5mA (Fault condition)
1
V
VSCL
(3)
Status Clamp Voltage
ISTAT= 1mA
ISTAT= - 1mA
32
36
0.7
V
V
VUSD
Undervoltage Shut-down
5
8
V
Ilim
DC Short Circuit Current
VCC=24V; RLOAD < 10mΩ
12.5
A
IOVPK
Peak Short Circuit Current
VCC=24V; VIN=30V;
RLOAD < 10mΩ (See figure 6)
4A
IDIAGH
Leakage on Diag Pin in
High State
VDIAG=24V
100
µA
ILOAD
Output Leakage Current
VCC=10 to 36V; VIN=0V;
4 Channels In Parallel
25
µA
tSC
Delay Time of Current
Limiter
100
µs
TTSD
Thermal Shut-Down
Temperature
150
170
°C
TR
Reset Temperature
135
155
°C


Similar Part No. - VN330SP8932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN330SP STMICROELECTRONICS-VN330SP Datasheet
69Kb / 9P
   QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
158Kb / 14P
   QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
204Kb / 15P
   Quad high side smart Power solid state relay
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E_07 Datasheet
204Kb / 15P
   Quad high side smart Power solid state relay
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
   Quad high side smart Power solid state relay
More results

Similar Description - VN330SP8932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNI4140K STMICROELECTRONICS-VNI4140K Datasheet
527Kb / 23P
   Quad high side smart power solid state relay
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E_08 Datasheet
236Kb / 16P
   Quad high side smart power solid state relay
VNI4140K-32 STMICROELECTRONICS-VNI4140K-32 Datasheet
525Kb / 26P
   Quad high side smart power solid state relay
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E_07 Datasheet
204Kb / 15P
   Quad high side smart Power solid state relay
VN330SP STMICROELECTRONICS-VN330SP Datasheet
69Kb / 9P
   QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
VN330SP-E STMICROELECTRONICS-VN330SP-E Datasheet
204Kb / 15P
   Quad high side smart Power solid state relay
VNI4140K STMICROELECTRONICS-VNI4140K_12 Datasheet
519Kb / 25P
   Quad high-side smart power solid-state relay
VN330SP-32-E STMICROELECTRONICS-VN330SP-32-E Datasheet
158Kb / 14P
   QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
VN340SP-E STMICROELECTRONICS-VN340SP-E Datasheet
211Kb / 16P
   Quad high side smart Power solid state relay
VN340SP-33-E STMICROELECTRONICS-VN340SP-33-E Datasheet
210Kb / 16P
   Quad high side smart Power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com