Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DS-55FS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D4DS-55FS
Description  Safety-Door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D4DS-55FS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D4DS-55FS Datasheet HTML 1Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 2Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 3Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 4Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DS-55FS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
D4DS
3
Ordering Information
J
MODEL NUMBER LEGEND
Switch
1.
Conduit size/type
1:
Pg13.5
(1-conduit, European type)
2:
G1/2 (1-conduit, Japanese type)
3:
1/2-14NPT
(1-conduit, North American type)
5:
Pg13.5 (2-conduit)
(1-conduit, European type)
6:
G1/2 (2-conduit Japanese type)
2.
Built-in Switch
5:
1NC/1NO (Slow-action)
A:
2NC (Slow-action)
3.
Head Mounting Direction
F:
Four mounting directions pos-
sible (Front-side mounting at
shipping)
1.
Operation Key Type
1:
Horizontal mounting
2:
Vertical mounting
3:
Adjustable mounting (Horizontal)
5:
Adjustable mounting (Horizontal/
Vertical)
D4DS-Kj
1
Operation Key
D4DS-jjjS
12
3
Note: An order for the head part or the switch part alone cannot be accepted.
The Operation Key is sold separately.
J
SWITCHES
Description
Part number
Appearance
Conduit size/type
1NC/1NO (Slow-action)
2NC (Slow-action)
1-conduit
Pg13.5 (European)
D4DS-15FS
D4DS-1AFS
G1/2 (Japanese)
D4DS-25FS
D4DS-2AFS
1/2-14NPT (North American)
D4DS-35FS
D4DS-3AFS
2-conduit
Pg13.5 (European)
D4DS-55FS
D4DS-5AFS
G1/2 (Japanese)
D4DS-65FS
D4DS-6AFS
J
OPERATION KEYS (ORDER SEPARATELY)
Type
Part number
Horizontal mounting
D4DS-K1
Vertical mounting
D4DS-K2
Adjustable mounting (Horizontal)
D4DS-K3
Adjustable mounting (Horizontal/Vertical)
D4DS-K5
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw


Similar Part No. - D4DS-55FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DS-K1 OMRON-D4DS-K1 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K2 OMRON-D4DS-K2 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K3 OMRON-D4DS-K3 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K5 OMRON-D4DS-K5 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DS-55FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com