Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4DS-25FS Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # D4DS-25FS
Description  Safety-Door Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D4DS-25FS Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button D4DS-25FS Datasheet HTML 4Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 5Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 6Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 7Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 8Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 9Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 10Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 11Page - List of Unclassifed Manufacturers D4DS-25FS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
D4DS
11
J
MOUNTING
Tightening Torque
Be sure to tighten each screw to the appropriate tightening
torque as shown below.
3
5
4
1
2
6
7
No.
Type
Torque
1
Terminal screw
0.59 to 0.78 N S m
2
Cover mounting screw
0.78 to 0.88 N S m
3
Head mounting screw
0.78 to 0.88 N S m
4
M4 switch mounting bolt
(see note 1)
0.49 to 0.69 N S m
5
Operation Key mounting
screw
2.35 to 2.75 N S m
6
Connector
1.77 to 2.16 N S m
1.37 to 1.77 N S m
(see note 2)
7
Cap screw
1.27 to 1.67 N S m
Note: 1. Tighten each screw with a washer and use the ap-
propriate tightening torque.
2. This force range applies to 1/2-14NPT.
Mounting
Switch
Two, M4 Allen-head bolts with washers must be used in order to
mount the D4DS securely. To mount the D4DS more securely,
prepare two, 4 --0.05/--0.15 dia. protruding portions with 4.8 mm
maximum in height each as shown below and support the D4DS
at a total of four points.
Mounting Dimensions with Protruding Portions
Standard Model
Two-Conduit Model
4--0.05
--0.15
dia. height, 4.8 max.
4--0.05
--0.15
dia. height, 4.8 max.
Mounting hole
Mounting surface
Insertion hole for protrusions
4--0.05
--0.15
dia. height, 4.8 max.
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw


Similar Part No. - D4DS-25FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4DS-K1 OMRON-D4DS-K1 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K2 OMRON-D4DS-K2 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K3 OMRON-D4DS-K3 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4DS-K5 OMRON-D4DS-K5 Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
More results

Similar Description - D4DS-25FS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com