Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA8617 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VCA8617
Description  8-Channel VARIABLE GAIN AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA8617 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button VCA8617 Datasheet HTML 8Page - Burr-Brown (TI) VCA8617 Datasheet HTML 9Page - Burr-Brown (TI) VCA8617 Datasheet HTML 10Page - Burr-Brown (TI) VCA8617 Datasheet HTML 11Page - Burr-Brown (TI) VCA8617 Datasheet HTML 12Page - Burr-Brown (TI) VCA8617 Datasheet HTML 13Page - Burr-Brown (TI) VCA8617 Datasheet HTML 14Page - Burr-Brown (TI) VCA8617 Datasheet HTML 15Page - Burr-Brown (TI) VCA8617 Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
VCA8617
SBOS308B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
12
TYPICAL CHARACTERISTICS: AVDD = 3V (continued)
At TA = +25°C, load resistance = 1kΩ on each output to ground, unless otherwise noted. The input to the preamp (LNA) is single-ended; pre-amp
gain is fixed at +20dB, fIN= 2MHz, PG = 01, ATN = 00, and the output from the VCA is differential, unless otherwise noted.
1100
1000
900
800
700
600
500
400
300
200
100
0
OUTPUT−REFERRED NOISE vs VCA
CNTRL
(ATN = 11, f
IN =5MHz)
VCA
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 01
PG = 00
PG = 11
PG = 10
80
70
60
50
40
30
20
10
0
INPUT−REFERRED NOISE vs VCA
CNTRL
(ATN = 11, f
IN =2MHz)
VCA
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 00
PG = 01
PG = 10
PG = 11
70
60
50
40
30
20
10
0
INPUT−REFERRED NOISE vs VCA
CNTRL
(ATN = 11, f
IN =5MHz)
VCA
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 11
PG = 10
PG = 01
PG = 00
60
55
50
45
40
35
30
25
20
NOISE FIGURE vs VCA
CNTRL
(ATN = 11, f
IN =2MHz)
VCA
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 00
PG = 01
PG = 10
PG = 11
55
51
47
43
39
35
31
27
23
17
NOISE FIGURE vs VCA
CNTRL
(ATN = 11, f
IN =5MHz)
VCA
CNTRL (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
PG = 00
PG = 01
PG = 11
PG = 10
1.25
1.20
1.15
1.10
1.05
1.00
INPUT−REFERRED NOISE
(2MHZ, 2V VCNTRL)
Gain Setting
PG 00
PG 01
PG 11
PG 10
AT00
AT11


Similar Part No. - VCA8617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8617 TI1-VCA8617 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGR TI1-VCA8617PAGR Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGT TI1-VCA8617PAGT Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGTG4 TI1-VCA8617PAGTG4 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA8617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8613 TI-VCA8613 Datasheet
378Kb / 21P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com