Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C191KGKT Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part No. LTST-C191KGKT
Description  LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C191KGKT Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTST-C191KGKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C191KGKT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
Property of Lite-On Only
Bin Code List
Part
No. : LTST-C191KGKT
Page :
5
of
11
BNS-OD-C131/A4
Forward Voltage
Unit: V @20mA
Bin Code
Min.
Max.
4
1.90
2.00
5
2.00
2.10
6
2.10
2.20
7
2.20
2.30
8
2.30
2.40
Tolerance on each Forward Voltage bin is +/-0.1 volt
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
M
18.0
28.0
N
28.0
45.0
P
45.0
71.0
Tolerance on each Intensity bin is +/-15%
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
C
567.5
570.5
D
570.5
573.5
Tolerance for each Dominate Wavelength bin is +/- 1nm


Similar Part No. - LTST-C191KGKT

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
283Kb / 2P
   Top View Chip LED (0603/0.3T) 1.60(L) x 0.8(W) x 0.3(H)mm
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
LTST-C191KGKT TO-GRACE-LTST-C191KGKT Datasheet
740Kb / 11P
   Meet ROHS, Green Product.
Microchip Technology
Microchip Technology
LTST-C191KGKT MICROCHIP-LTST-C191KGKT Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C191KGKT-5A LITEON-LTST-C191KGKT-5A Datasheet
560Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTST-C191KGKT

ManufacturerPart No.DatasheetDescription
Hamamatsu Corporation
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
OSRAM GmbH
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
List of Unclassifed Manufacturers
List of Unclassifed Man...
HUWH-5101L ETC2-HUWH-5101L Datasheet
122Kb / 1P
   LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BPR-105 BRIGHT-BPR-105 Datasheet
100Kb / 4P
   LED
DOMINANT Semiconductors
DOMINANT Semiconductors
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
China Semiconductor Corporation
China Semiconductor Cor...
CSHV-NL60SWA4-A2 CHINASEMI-CSHV-NL60SWA4-A2 Datasheet
504Kb / 9P
   LED
CSHV-NL60SWG4-A2 CHINASEMI-CSHV-NL60SWG4-A2 Datasheet
510Kb / 9P
   LED
CSHV-NL60WWA4-A2 CHINASEMI-CSHV-NL60WWA4-A2 Datasheet
503Kb / 9P
   LED
CSHV-NL60WWG4-A6 CHINASEMI-CSHV-NL60WWG4-A6 Datasheet
513Kb / 9P
   LED
CSHV-UL60HRG4-A0 CHINASEMI-CSHV-UL60HRG4-A0 Datasheet
470Kb / 8P
   LED
CSLO-N54SSB1-QA0R CHINASEMI-CSLO-N54SSB1-QA0R Datasheet
423Kb / 7P
   LED
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz