Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2615IGN-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2615IGN-1
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2615IGN-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC2615IGN-1 Datasheet HTML 1Page - Linear Technology LTC2615IGN-1 Datasheet HTML 2Page - Linear Technology LTC2615IGN-1 Datasheet HTML 3Page - Linear Technology LTC2615IGN-1 Datasheet HTML 4Page - Linear Technology LTC2615IGN-1 Datasheet HTML 5Page - Linear Technology LTC2615IGN-1 Datasheet HTML 6Page - Linear Technology LTC2615IGN-1 Datasheet HTML 7Page - Linear Technology LTC2615IGN-1 Datasheet HTML 8Page - Linear Technology LTC2615IGN-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC2605/LTC2615/LTC2625
2605f
Octal 16-/14-/12-Bit
Rail-to-Rail DACs in 16-Lead SSOP
The LTC
®2605/LTC2615/LTC2625 are octal 16-, 14-
and 12-bit, 2.7V to 5.5V rail-to-rail voltage-output DACs in
16-lead narrow SSOP packages. They have built-in
high performance output buffers and are guaranteed
monotonic.
These parts establish new board-density benchmarks
for 16- and 14-bit DACs and advance performance
standards for output drive, crosstalk and load regulation
in single-supply, voltage-output multiples.
The parts use the 2-wire I2C compatible serial interface.
The LTC2605/LTC2615/LTC2625 operate in both the
standard mode (maximum clock rate of 100kHz) and the
fast mode (maximum clock rate of 400kHz).
The LTC2605/LTC2615/LTC2625 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise
less than 10mV above zero scale; and after power-up, they
stay at zero scale until a valid write and update take place.
The power-on reset circuit resets the LTC2605-1/
LTC2615-1/LTC2625-1 to midscale. The voltage output
stays at midscale until a valid write and update
takes place.
Smallest Pin-Compatible Octal DACs:
LTC2605: 16 Bits
LTC2615: 14 Bits
LTC2625: 12 Bits
Guaranteed Monotonic Over Temperature
400kHz I2C Interface
Wide 2.7V to 5.5V Supply Range
Low Power Operation: 250
µA per DAC at 3V
Individual Channel Power-Down to 1
µA, Max
Ultralow Crosstalk Between DACs (<10
µV)
High Rail-to-Rail Output Drive (
±15mA, Min)
Double-Buffered Digital Inputs
27 Selectable Addresses
LTC2605/LTC2615/LTC2625: Power-On Reset to
Zero Scale
LTC2605-1/LTC2615-1/LTC2625-1: Power-On Reset
to Midscale
Tiny 16-Lead Narrow SSOP Package
Mobile Communications
Process Control and Industrial Automation
Instrumentation
Automatic Test Equipment
Differential Nonlinearity (LTC2605)
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
CODE
0
16384
32768
49152
65535
2605 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CA2
SCL
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CA0
CA1
SDA
2605/15/25 BD
16
DAC A
3
14
4
13
5
7
6
8
10
11
9
12
2-WIRE INTERFACE
32-BIT SHIFT REGISTER
DAC H
DAC B
DAC G
DAC C
DAC F
DAC D
DAC E
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2615IGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2615IGN-1PBF LINER-LTC2615IGN-1PBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615IGN-1TRPBF LINER-LTC2615IGN-1TRPBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2615IGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
   Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com