Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V550S25DT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IDT77V550S25DT
Description  SwitchStarTM Switch Manager
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77V550S25DT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IDT77V550S25DT Datasheet HTML 1Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT77V550S25DT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4 of 19
June 22, 2001
IDT77V550
Pin Definitions
Pin Definitions
Pin Number
Symbol
Type
Description
1
SCLK
Input
40 MHz system clock.
4
RESETI
Input
Reset input. Active low.
68
RESETO
Output
Reset output. Active low.
69
RESETO
Output
Reset output. Active high.
5
RESETP0
Output
Reset output to port number 0. Active low.
6
RESETP1
Output
Reset output to port number 1. Active low.
7
RESETP2
Output
Reset output to port number 2. Active low.
8
RESETP3
Output
Reset output to port number 3. Active low.
10
RESETP4
Output
Reset output to port number 4. Active low.
11
RESETP5
Output
Reset output to port number 5. Active low.
12
RESETP6
Output
Reset output to port number 6. Active low.
13
RESETP7
Output
Reset output to port number 7. Active low.
45
SWAD0
Input
Switch VCI address. LSB.
46
SWAD1
Input
Switch VCI address.
47
SWAD2
Input
Switch VCI address.
48
SWAD3
Input
Switch VCI address.
50
SWAD4
Input
Switch VCI address.
51
SWAD5
Input
Switch VCI address.
52
SWAD6
Input
Switch VCI address.
53
SWAD7
Input
Switch VCI address. MSB.
41
MD/C
Output
Control bus. Selector for accessing data or control word.
42
MR/W
Output
Control bus. Selector for read or write operation.
43
MSTRB
Output
Control bus. Master strobe. Latching on positive edge.
31
MDATA0
I/O
Control bus. Data bus to Switch Controller. LSB.
32
MDATA1
I/O
Control bus. Data bus to Switch Controller.
33
MDATA2
I/O
Control bus. Data bus to Switch Controller.
34
MDATA3
I/O
Control bus. Data bus to Switch Controller.
36
MDATA4
I/O
Control bus. Data bus to Switch Controller.
37
MDATA5
I/O
Control bus. Data bus to Switch Controller.
38
MDATA6
I/O
Control bus. Data bus to Switch Controller.
39
MDATA7
I/O
Control bus. Data bus to Switch Controller. MSB.
15
IPD0
Input
DPI to Switch Manager interface. Data bus.
16
IPD1
Input
DPI to Switch Manager interface. Data bus.
17
IPD2
Input
DPI to Switch Manager interface. Data bus.
18
IPD3
Input
DPI to Switch Manager interface. Data bus.
19
IFRM
Input
Linecard to Switch Manager DPI interface. New frame.
Table 1 Pin Descriptions (Part 1 of 2)


Similar Part No. - IDT77V550S25DT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V550S25DT RENESAS-IDT77V550S25DT Datasheet
326Kb / 20P
   SwitchStarTM Switch Manager
June 22, 2001
IDT77V550S25DTI RENESAS-IDT77V550S25DTI Datasheet
326Kb / 20P
   SwitchStarTM Switch Manager
June 22, 2001
More results

Similar Description - IDT77V550S25DT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V550 RENESAS-IDT77V550 Datasheet
326Kb / 20P
   SwitchStarTM Switch Manager
June 22, 2001
logo
PMC-Sierra, Inc
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
   ATM TRAFFIC MANAGER AND SWITCH
logo
Renesas Technology Corp
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
   SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
logo
PMC-Sierra, Inc
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
   ATM/PACKET Traffic Manager and Switch
PM7326 PMC-PM7326 Datasheet
2Mb / 238P
   ATM/PACKET TRAFFIC MANAGER AND SWITCH
PM7329 PMC-PM7329 Datasheet
52Kb / 2P
   Packet/ATM Traffic Manager and Switch
logo
Integrated Device Techn...
IDT77950 IDT-IDT77950 Datasheet
65Kb / 3P
   SwitchStarTM Reference Design Using the IDT77V400 Switching Memory and IDT77V500 Switch Controller
logo
List of Unclassifed Man...
IDT77950 ETC1-IDT77950 Datasheet
59Kb / 3P
   SwitchStarTM Reference Design Using the IDT77V400 Switching Memory and IDT77V500 Switch Controller
logo
Maxim Integrated Produc...
MAX20092 MAXIM-MAX20092 Datasheet
407Kb / 2P
   12-Switch Matrix Manager for Automotive Lighting
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com