Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V400S156BC Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IDT77V400S156BC
Description  SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77V400S156BC Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IDT77V400S156BC Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT77V400S156BC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6 of 26
March 31, 2001
IDT77V400
Pin Description - PQFP Package
Pin Description - PQFP Package
Pin Description - PQFP Package
Pin Description - PQFP Package
Pin Number
Symbol Type
Description
132
SCLK
I
System clock: All bus control signals (CMD0-5, CS, IOD0-31, CRCERR) except OE are synchronous with respect to
SCLK. Control commands are registered on the positive edge of SCLK. The SCLK period must be less than or equal to
200ns during normal operation. Data Port signals are asynchronous with respect to SCLK.
139
CS
I
Chip Select: Synchronous input which must be LOW at the rising edge of SCLK to enable the Command Bus CMD0-5.
Instructions are a NOP when CS is HIGH at the SCLK positive edge.
133-138
CMD0-5
I
Command Bus: Synchronized to SCLK, instructions to be executed by the memory are transferred across this 6-bit
bus. CMD5 is the MSb of the Command Bus.
95
OE
I
Output Enable: Asynchronous input that enables all outputs when asserted LOW. All outputs are High-Z when OE is
HIGH. IOD0-31 and CRCERR may also be set to High-Z by a HIGH CTLEN bit in the configuration register or a HIGH
CTLEN pin.
166
RESET
I
Reset: When asserted HIGH, the signal asynchronously allows the initialization of the registers and internal signals of
the IDT77V400. RESET should be asserted HIGH and OE should be held HIGH upon power-up for the external con-
troller to execute the initialization and insure proper system operation.
128-131
ADDR0-3
I
Chip Address: All ADDR inputs must OR the address in the configuration register bits 26-29 and then must match
1OD13-16 one cycle after the Store or Load command for selection to allow a Store or Load memory cycle to be exe-
cuted (full flag is cleared regardless of match, and empty must match before clear). ADDR3 is the MSb of the device
address bits.
5-14, 17-27, 30-40
IOD0-31
I/O
Control Data Bus: Synchronous with SCLK. Used for external data transfer for the header pre/post-pend bytes, config-
uration register error and status registers, and the cell memory address. IOD31 is the MSb of the Control Data Bus.
205
CRCERR
O
Cyclical Redundancy Check Error: Synchronous output on the rising edge of SCLK. CRCERR asserted LOW after a
Header with CRC operation indicates that a CRC error has occurred on the previous header.
167-174
ICLK0-7
I
Input Port Clock: Synchronizes the input data IPxD(0-3) and IFRMx signal associated with the input data port on the
positive clock edge. Each ICLKx is independent of the other seven ICLKs and SCLK. The ICLKs used are determined
by the configuration register initialization (see Port Configuration Code Table). The inputting of a cell may be halted by
stopping ICLKx.
175-182
IFRM0-7
I
Input Frame: Synchronous input registered on the rising edge of ICLKx. When asserted HIGH this signal denotes the
beginning of an input cell for the associated input port. IFRMs used are determined by the configuration register during
initialization (see Port Configuration Code Table).
185-188, 160-163,
189-192, 150-153,
195-198, 146-149,
199-202, 142-145
IP(0-7)D(0-3) I
Input Data: Eight 4-bit input ports. Synchronous with the rising edge of ICLK for the associated data port. IPxD(0-3)
can be assigned to different ICLKs and IFRMs via the configuration register during initialization. The ports may be
combined in groups to increase bandwidth by factors of 155Mbps (see Port Configuration Code Table). IPxD3 is the
MSb of the nibble. Example: IP0D3 is the MSb for port 0.
86-93
OCLK0-7
I
Output Clock: Synchronizes the output data OPxD(0-3) and OFRMx signal associated output data port on the positive
clock edge. Each OCLK is independent of the other seven OCLKs and SCLK. OCLKs used are determined by the port
configuration register during initialization (see Port Configuration Code Table). The transmission of a cell may be
halted by stopping OCLKx.
74-81
OFRM0-7
I/O
Output Frame: Synchronous output on the rising edge of OCLK. The 77V400 marks the beginning of an output cell by
taking OFRM HIGH on the rising edge of OCLK. The output SAM nibble counter loads the start byte address from the
configuration register when a HIGH signal is sensed at the OFRM pin, thus re-synchronizing other chips connected to
the OFRM bus. OFRM is asserted HIGH one OCLK cycle prior to the first nibble of the cell being output from the
IDT77V400. OFRMs used are determined by the configuration register initialization (see Port Configuration Code
Table). During cell bus operations, the OFRM1-7 are redefined as CBUS1-7 for arbitration (there is no CBUS0).
45-48, 121-124, 57-
60, 115-118, 63-66,
109-112, 69-72, 97-
100
OP(0-7)D(0-3) O
Output Data: Eight 4-bit output ports. Synchronous with the rising edge of OCLK for the associated data port. OPxD(0-
3) can be assigned to different OCLKs and OFRMs via the configuration register. The 4 bit ports may be combined in
groups to increase the bandwidth by factors of 155Mbps (see Port Configuration Code Table). OPxD3 is the MSb of
the nibble. Example: IP0D3 is the MSb for port 0.


Similar Part No. - IDT77V400S156BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400S156BC RENESAS-IDT77V400S156BC Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V400S156BCI RENESAS-IDT77V400S156BCI Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
More results

Similar Description - IDT77V400S156BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400 RENESAS-IDT77V400 Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
   SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
   SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
logo
JFW Industries, Inc.
50MS-300 JFW-50MS-300_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-252 JFW-50MS-252 Datasheet
27Kb / 1P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-288 JFW-50MS-288_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-335 JFW-50MS-335_18 Datasheet
32Kb / 2P
   8 X 16 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-299 JFW-50MS-299_18 Datasheet
32Kb / 2P
   8 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
75MS-029 JFW-75MS-029 Datasheet
37Kb / 2P
   2 x 8 BLOCKING SWITCH MATRIX
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com