Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V400 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IDT77V400
Description  SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77V400 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IDT77V400 Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 10Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 11Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 12Page - List of Unclassifed Manufacturers IDT77V400 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9 of 26
March 31, 2001
IDT77V400
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Maximum Operating Temperature and Supply Voltage
Maximum Operating Temperature and Supply Voltage
Maximum Operating Temperature and Supply Voltage
Maximum Operating Temperature and Supply Voltage
Capacitance (T
Capacitance (T
Capacitance (T
Capacitance (TAAAA = +25°C, f = 1.0MH
= +25°C, f = 1.0MH
= +25°C, f = 1.0MH
= +25°C, f = 1.0MHzzzz)))) PQFP
PQFP
PQFP
PQFP ONLY
ONLY
ONLY
ONLY
Recommended DC Operating Conditions
Recommended DC Operating Conditions
Recommended DC Operating Conditions
Recommended DC Operating Conditions
Symbol
Rating1
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Commercial
Unit
VTERM2
2. VTERM must not exceed Vcc + 0.3V for more than 25% of the cycle time or 10ns maximum, and is limited to ≤ 20mA for the period of VTERM ≥ Vcc + 0.3V.
Terminal Voltage with Respect to VSS
−0.5 to +3.9
V
TBIAS
Temperature Under Bias
−55 to +125
°C
TSTG
Storage Temperature
−55 to +125
°C
IOUT
DC Output Current
50
mA
Grade
Ambient Temperature1
1. This is the parameter TA.
GND
Vcc
Commercial
0
°C to +70°C0V
3.3V
± 300mV
Industrial
−40°C to +85°C0V
3.3V
± 300mV
Symbol
Parameter1
1. These parameters are determined by device characterization, but are not production tested.
Conditions2
2. 3dV references the interpolated capacitance when the input and output switch from 0V to 3V or from 3V to 0V.
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT3
3. COUT also references CI/O
Output Capacitance
VOUT = 3dV
10
pF
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
Vcc
+ 0.31, 2
1. VIL ≥ -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.3V or Vss – 0.3V.
V
VIL
Input Low Voltage
−0.33
3. VTERM must not exceed Vcc + 0.3V for more than 25% of the cycle time or 10ns maximum, and is limited to ≤ 20mA for the period of VTERM ≥ Vcc + 0.3V.
—0.8
V


Similar Part No. - IDT77V400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400 RENESAS-IDT77V400 Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V400S156BC RENESAS-IDT77V400S156BC Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V400S156BCI RENESAS-IDT77V400S156BCI Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V400S156DS RENESAS-IDT77V400S156DS Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V400S156DSI RENESAS-IDT77V400S156DSI Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
More results

Similar Description - IDT77V400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400 RENESAS-IDT77V400 Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
   SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
   SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
logo
JFW Industries, Inc.
50MS-300 JFW-50MS-300_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-252 JFW-50MS-252 Datasheet
27Kb / 1P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-288 JFW-50MS-288_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-335 JFW-50MS-335_18 Datasheet
32Kb / 2P
   8 X 16 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-299 JFW-50MS-299_18 Datasheet
32Kb / 2P
   8 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
75MS-029 JFW-75MS-029 Datasheet
37Kb / 2P
   2 x 8 BLOCKING SWITCH MATRIX
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com