Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2626 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2626
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2626 Datasheet(HTML) 4 Page - Linear Technology

  LTC2626 Datasheet HTML 1Page - Linear Technology LTC2626 Datasheet HTML 2Page - Linear Technology LTC2626 Datasheet HTML 3Page - Linear Technology LTC2626 Datasheet HTML 4Page - Linear Technology LTC2626 Datasheet HTML 5Page - Linear Technology LTC2626 Datasheet HTML 6Page - Linear Technology LTC2626 Datasheet HTML 7Page - Linear Technology LTC2626 Datasheet HTML 8Page - Linear Technology LTC2626 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC2606/LTC2616/LTC2626
26061626f
TI I G CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1) (Notes 10, 11)
ELECTRICAL C
C
HARA TERISTICS The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC Performance
tS
Settling Time (Note 6)
±0.024% (±1LSB at 12 Bits)
7
7
7
µs
±0.006% (±1LSB at 14 Bits)
9
9
µs
±0.0015% (±1LSB at 16 Bits)
10
µs
Settling Time for 1LSB Step
±0.024% (±1LSB at 12 Bits)
2.7
2.7
2.7
µs
(Note 7)
±0.006% (±1LSB at 14 Bits)
4.8
4.8
µs
±0.0015% (±1LSB at 16 Bits)
5.2
µs
Voltage Output Slew Rate
0.75
0.75
0.75
V/µs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Impulse
At Midscale Transition
12
12
12
nV • s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise Density
At f = 1kHz
120
120
120
nV/√Hz
At f = 10kHz
100
100
100
nV/√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
µVP-P
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2
N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16, kL =
256 and linearity is defined from code 256 to code 65,535.
Note 3: Digital inputs at 0V or VCC.
Note 4: Guaranteed by design and not production tested.
Note 5: Inferred from measurement at code 256 (LTC2606/LTC2606-1),
code 64 (LTC2616/LTC2616-1) or code 16 (LTC2626/LTC2626-1) and at
full scale.
Note 6: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scale to 1/4 scale. Load is 2k in parallel with 200pF to GND.
Note 7: VCC = 5V, VREF = 4.096V. DAC is stepped ±1LSB between half
scale and half scale – 1. Load is 2k in parallel with 200pF to GND.
Note 8: Maximum VIH = VCC(MAX) + 0.5V
Note 9: CB = capacitance of one bus line in pF.
Note 10: All values refer to VIH(MIN) and VIL(MAX) levels.
Note 11: These specifications apply to LTC2606/LTC2606-1,
LTC2616/LTC2616-1, LTC2626/LTC2626-1.
LTC2626/LTC2626-1 LTC2616/LTC2616-1 LTC2606/LTC2606-1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.7V to 5.5V
fSCL
SCL Clock Frequency
0
400
kHz
tHD(STA)
Hold Time (Repeated) Start Condition
0.6
µs
tLOW
Low Period of the SCL Clock Pin
1.3
µs
tHIGH
High Period of the SCL Clock Pin
0.6
µs
tSU(STA)
Set-Up Time for a Repeated Start Condition
0.6
µs
tHD(DAT)
Data Hold Time
0
0.9
µs
tSU(DAT)
Data Set-Up Time
100
ns
tr
Rise Time of Both SDA and SCL Signals
(Note 9)
20 + 0.1CB
300
ns
tf
Fall Time of Both SDA and SCL Signals
(Note 9)
20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
0.6
µs
tBUF
Bus Free Time Between a Stop and Start Condition
1.3
µs
t1
Falling Edge of 9th Clock of the 3rd Input Byte
400
ns
to LDAC High or Low Transition
t2
LDAC Low Pulse Width
20
ns


Similar Part No. - LTC2626

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2626 LINER-LTC2626 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
logo
Analog Devices
LTC2626 AD-LTC2626 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2626

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2627 LINER-LTC2627_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com