Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS3018 Datasheet(PDF) 3 Page - TT Electronics.

Part No. DS3018
Description  PT100 or Thermocouple Input DIN Rail Transmitter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TTELEC [TT Electronics.]
Homepage  http://www.ttelectronics.com/
Logo 

DS3018 Datasheet(HTML) 3 Page - TT Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PT100 or Thermocouple Input
DIN Rail Transmitter
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 3
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
OUTPUT
Type
Two wire current sink; signal range 4-20mA; full range 3.8-24mA
Supply
11-30V DC, 24V nominal giving Max loop load of 600R @ 24V
Response Time
<500ms to reach 95% of final value; start-up time <3s
Calibration Accuracy
±5µA
Loop Effects
Loop ripple 0.03% of FSR; supply sensitivity 0.05µA/ºC; supply ripple re-
jection <5µA error @ 1V rms 50Hz ripple
Protection
Reverse connection and over-voltage protection. Max over voltage cur-
rent 100mA.
Stability
±5µA/ºC
GENERAL
Isolation
Input to output tested at 500V DC
Ambient
Operating -20 to 70ºC, 10 to 95% RH non-condensing. Storage -40 to
85ºC
Approvals
CE tested to BS EN 61326
MECHANICAL
Material
Polmide 6.6
Terminals
Screw terminal
Cable
2.5mm max.
Colour
Grey


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn