Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS3018 Datasheet(PDF) 2 Page - TT Electronics.

Part No. DS3018
Description  PT100 or Thermocouple Input DIN Rail Transmitter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TTELEC [TT Electronics.]
Homepage  http://www.ttelectronics.com/
Logo 

DS3018 Datasheet(HTML) 2 Page - TT Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PT100 or Thermocouple Input
DIN Rail Transmitter
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
INPUT
RANGE
ACCURACY*¹
STABILITY*³
K
-200 to 1370ºC
0.1% of FSR ±0.5ºC
(type T 0.2% FSR ±0.5ºC)
±0.01% of FSR/ºC
J
-100 to 1200ºC
E
-100 to 1000ºC
N
-180 to 1300ºC
T
-100 to 400ºC
R
-10 to 1760ºC
±0.5ºC ±0.1% of FSR*²
S
-10 to 1760ºC
±0.5ºC ±0.1% of FSR*²
mV
-40 to 75mV
±0.04mV
P
-200 to 850ºC
±0.1ºC / ±0.05% of reading
±0.005% of FSR/ºC
*¹ Accuracy for PT100 and thermocouples do not include sensor and cold junction errors.
*² Only over the range 800 to 1600ºC.
*³ Ambient -10 to 50ºC.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn