Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS3018 Datasheet(PDF) 1 Page - TT Electronics.

Part No. DS3018
Description  PT100 or Thermocouple Input DIN Rail Transmitter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TTELEC [TT Electronics.]
Homepage  http://www.ttelectronics.com/
Logo 

DS3018 Datasheet(HTML) 1 Page - TT Electronics.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PT100 or Thermocouple Input
DIN Rail Transmitter
DS3018
© TT electronics plc
Issue A
07/2018 Page 1
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The GEN1603 series is a cost effective DIN rail mounted temperature transmitter. The range consists of two
versions, the GEN1603/P accepts PT100 inputs, and the GEN1603/TC accepts seven common thermocouple
types plus mV input.
Designed for ease of use, this range is configured with our USB port powered configuration module. The module
interfaces a PC USB port to the GEN1603, using the 4-20mA loop to communicate. You will be able to read teh
current configuration data, and then perform any chages you wish to make to the configuration. To further save
time, the GEN1603 and configuration module do not need to be wired to a power supply during the
configuration process, both are powered by the USB interface on your PC.
Features:
Configuration using USB port powered configurator
PT100 or Thermocouple / mV
Isolated input
Input linear to temperature
4-20mA two wire output
Model
Input Type
Low Range
High Range
Units
Burnout
GEN1603/P
PT100
Input @ 4mA
Input @ 20mA
ºF, ºC
Up/Scale
Down/Scale


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn