Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V011L155DA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IDT77V011L155DA
Description  Data Path Interface to Utopia Level 2 Translation Device
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77V011L155DA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IDT77V011L155DA Datasheet HTML 2Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT77V011L155DA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6 of 43
March 15, 2001
IDT77V011
MBUS[2]
65
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[3]).
I
Reset
TxSIZE[2] - number of bytes to remove from cell in transmit direction (MSB).
MBUS[3]
64
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[4]).
I
Reset
TxLOC - Location of Tx TAG in cell. "0" TAG located at beginning of cell, "1" TAG located at end of cell.
MBUS[4]
63
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[5]).
I
Reset
TxHEC - Add HEC placeholder. "0" do not add placeholder, "1" add placeholder.
MBUS[5]
61
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[6]).
I
Reset
RxSIZE[0] - Number of bytes to add to cell in the receive direction (LSB).
MBUS[6]
60
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[7]).
I
Reset
RxSIZE[1] - Number of bytes to add to cell in the receive direction (LSB + 1).
MBUS[7]
59
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[8]).
I
Reset
RxSIZE[2] - Number of bytes to add to cell in the receive direction (MSB).
MBUS[8]
58
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[9]).
I
Reset
RxLOC - Location of TAG in cell in the receive direction. RxLOC = "0" TAG located at beginning of cell,
TxLOC = "1" TAG located at end of cell.
MBUS[9]
57
O
UTOPIA 2 Address bus (LSB+9).
Utility Bus Utility bus PHY chip select (CS[10]).
I
Reset
RxHEC - Remove HEC from cell. "0" do not remove HEC, "1" remove HEC.
MBUS[10]
56
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[11]).
I
Reset
DPI Bus Size. Indicates whether DPI transmit and receive bus is 4-bits or 8-bits wide. "0" 4-bit DPI bus, "1"
8-bit DPI bus.
MBUS[11]
55
O
UTOPIA 2 Address bus. Upper 64 bytes used for 32 address pointers describing PHY's.
Utility Bus Utility bus PHY chip select (CS[12]).
I
Reset
UTOPIA Bus Size. Indicates whether the UTOPIA transmit and receive data bus is 8-bits or 16-bits wide. "0"
8-bit UTOPIA bus, "1" 16-bit UTOPIA bus.
MDATA[0]
81
I/O
UTOPIA 2 Management interface data bus [LSB].
Utility Bus Utility Bus address and data bus [LSB].
MDATA[1]
82
I/O
UTOPIA 2 Management interface data bus [LSB+1].
Utility Bus Utility Bus address and data bus [LSB+1].
MDATA[2]
83
I/O
UTOPIA 2 Management interface data bus [LSB+2].
Utility Bus Utility Bus address and data bus [LSB+2].
3LQ 1DPH
3LQ
1XPEHU
,QSXW
2XWSXW 0RGH
'HVFULSWLRQ


Similar Part No. - IDT77V011L155DA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
   Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
More results

Similar Description - IDT77V011L155DA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
   Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
logo
List of Unclassifed Man...
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
   Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
logo
List of Unclassifed Man...
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
   Data Path Interface to UTOPIA Level 1 Header Translation Device
logo
Renesas Technology Corp
IDT77V012 RENESAS-IDT77V012 Datasheet
887Kb / 47P
   Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device
March 26, 2001
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1LL-XX ACTEL-COREU1LL-XX Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
   UTOPIA Level 3 PHY
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
   OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
   OC-3 ATM SAR Controller with UTOPIA Level 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com