Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6155SO8A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A6155SO8A
Description  High Efficiency Linear Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6155SO8A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A6155SO8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 8Page - List of Unclassifed Manufacturers A6155SO8A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
A6155
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Continuous voltage at INPUT
to VSS
VINPUT
-0.3 to + 30 V
Transients on INPUT for
t < 100 ms and duty cycle 1%
VTRANS
up to + 60 V
Reverse supply voltage on INPUT
VREV
- 20 V
Max. voltage at any signal pin
VMAX
OUTPUT + 0.3 V
Min. voltage at any signal pin
VMIN
VSS – 0.3 V
Storage temperature
TSTO
-65 to + 150 °C
Electrostatic discharge max. to
MIL-STD-883C method 3015
VSmax
1000 V
Max. soldering conditions
TSmax
250 °C x 10 s
Table 1
Stresses above these listed maximum ratings may
cause permanent damage to the device. Exposure be-
yond specified operating conditions may affect device
reliability or cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precau-
tions should be taken as for any other CMOS compo-
nent. Unless otherwise specified, proper operation can
only occur when all terminal voltages are kept within the
supply voltage range. At any time, all inputs must be tied
to a defined logic voltage level.
Operating Conditions
Parameter
Symbol
Min. Typ. Max. Units
Operating junction
temperature 1)
TJ
-40
+85
°C
INPUT voltage 2)
VINPUT
2.3
26
V
OUTPUT voltage 2)3)
VOUTPUT
1.2
V
RES & EN guaranteed 4) VOUTPUT
1.2
V
OUTPUT current 5)
IOUTPUT
100
mA
Comparator input
voltage
VIN
0VOUTPUT
V
RC-oscillator
programming
R
10
1000
kΩ
Thermal resistance from
junction to ambient 6)
-DIP8
Rth(j-a)
105
°C/W
-SO8
Rth(j-a)
160
°C/W
Table 2
1)
The maximum operating temperature is confimed by
sampling at initial device qualification. In production, all
devices are tested at +85 °C.
2) Full operation quaranteed. To achieve the load regulation
specified in Table 3 a 22 µF capacitor or greater is required
on the INPUT, see Fig. 8. The 22 µF must have an effective
resistance 5 and a resonant frequency above 500 kHz.
3) A 10 µF load capacitor and a 100 nF decoupling capacitor
are required on the regulator OUTPUT for stability. The
10 µF must have an effective series resistance of 5 and
a resonant frequency above 500 kHz.
4) RES must be pulled up externally to VOUTPUT even if it is
unused. (Note: RES and EN are used as inputs by EM
test).
5) The OUTPUT current will not apply for all possible
combinations of input voltage and output current.
Combinations that would require the A6155 to work above
the maximum junction temperature (+85 °C) must be
avoided.
6) The thermal resistance specified assumes the package is
soldered to a PCB.


Similar Part No. - A6155SO8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results

Similar Description - A6155SO8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com