Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6155DL8A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A6155DL8A
Description  High Efficiency Linear Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6155DL8A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A6155DL8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 8Page - List of Unclassifed Manufacturers A6155DL8A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
A6155
Timing Characteristics
V INPUT = 6.0 V, IL = 100 µA, CL = 10 µF + 100 nF, CINPUT = 22 µF, TJ = -40 to + 85 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Units
Propagation delays:
TCL to Output Pins
T
DIDO
250
500
ns
V
IN sensitivity
T
SEN
15
20
µs
Logic Transition Times on all Output Pins T
TR
Load 10 k, 50 pF
30
100
ns
Power-on Reset delay
T
POR
R
EXT = 110 k, ±1%
90
100
110
ms
Watchdog Time
T
WD
R
EXT = 110 k, ±1%
90
100
110
ms
Open Window Percentage
OWP
±0.2 TWD
Closed Window Time
T
CW
0.8 T
WD
T
CW
R
EXT = 110 k, ±1%
72
80
88
ms
Open Window Time
T
OW
0.4 T
WD
T
OW
R
EXT = 110 k, ±1%
36
40
44
ms
Watchdog Reset Pulse
T
WDR
T
WD/40
T
WDR
R
EXT = 110 k, ±1%
2.5
ms
T
CL Input Pulse Width
T
TCL
150
ns
Reset Pulse when switched to R internal
T
RI
0.3
0.9
2.3
s
Watchdog Reset Pulse with R internal (R
I)TRIR
T
RI/320
s
Table 4
TRI versus Temperature at VOUTPUT = 5 V
Timing Waveforms
Watchdog Timeout Period
2.5
2.0
1.5
1.0
0.5
0
-40
+25
+85
+125
T
J [°C]
Fig.3
T
WD = TPOR
T
CW – closed window
T
OW – open window
Watchdog
timer reset
Condition:
R
EXT = 110 k
− OWP
− 20%
+ OWP
+ 20%
80
100
120
Fig. 4
t [ms]


Similar Part No. - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results

Similar Description - A6155DL8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com