Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6155 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A6155
Description  High Efficiency Linear Power Supply
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6155 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A6155 Datasheet HTML 2Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 3Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 4Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 5Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 6Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 7Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 8Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 9Page - List of Unclassifed Manufacturers A6155 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
A6155
Block Diagram
Pin Description
Pin Name
Function
1
EN
Push-pull active low enable output
2
RES
Open drain active low reset output.
RES must be pulled up to V
OUTPUT
even if unused
3
TCL
Watchdog timer clear input signal
4V
SS
GND terminal
5
INPUT
Voltage regulator input
6
OUTPUT Voltage regulator output
7R
R
EXT input for RC oscillator tuning
8V
IN
Voltage comparator input
Table 5
Functional Description
Voltage Regulator
The A6155 has a 5 V ± 2%, 100 mA, low dropout volt-
age regulator. The low supply current (typ.155 µA) mak-
es the A6155 particularly suited to automotive systems then
remain energized 24 hours a day. The input voltage range is
2.3 V to 26 V for operation and the input protection includes
both reverse battery (20 V below ground) and load dump
(positive transients up to 60 V). There is no reverse current
flow from the OUTPUT to the INPUT when the INPUT equals
V
SS. This feature is important for systems which need to
implement (with capacitance) a minimum power supply
hold-up time in the event of power failure. To achieve good
load regulation a 22 µF capacitor (or greater ) is needed on
the INPUT (see Fig.9). Tantalum or aluminium electrolytics
are adequate for the 22 µF capacitor; film types will work but
are relatively expensive. Many aluminium electrolytics have
electrolytes that freeze at about –30 °C, so tantalums are
recommended for operation below –25 °C. The important
parameters of the 22 µF capacitor are an effective series
resistance of 5 and a resonant frequency above
500 kHz..
A 10 µF capacitor (or greater) and a 100 nF capacitor
are required on the OUTPUT to prevent oscillations due
to instability. The specification of the 10 µF capacitor is
as per the 22 µF capacitor on the INPUT (see previous
paragraph).
The A6155 will remain stable and in regulation with no
external load and the dropout voltage is typically con-
stant as the input voltage fall to below its minimum level
(see Table 2). These features are especially important in
CMOS RAM keep-alive applications.
Care must be taken not to exceed the maximum junction
temperature (+ 85 °C). The power dissipation within the
A6155 is given by the formula:
P
TOTAL = (VINPUT – VOUTPUT) * IOUTPUT + (VINPUT) * ISS
The maximum continuous power dissipation at a given
temperature can be calculated using the formula:
P
MAX = ( 85 °C – TA) / Rth(j-a)
where R
th(j-a) is the termal resistance from the junction to
the ambient and is specified in Table 2. Note the R
th(j-a)
given in Table 2 assumes that the package is soldered
to a PCB. The above formula for maximum power dissi-
pation assumes a constant load (ie. 100 s). The
transient thermal resistance for a single pulse is much
lower than the continuous value. For example the A6155
in DIP8 package will have an effective thermal resistance
from the junction to the ambient of about 10°C/W for a
single 100 ms pulse.
VIN Monitoring
The power-on reset and the power-down reset are
generated as a response to the external voltage level
applied on the V
IN input. The VDD voltage at which reset is
asserted or released is determined by the external
voltage divider between V
DD and VSS, as shown on Fig. 9.
A part of V
DD
is compared to the internal voltage
reference. To determine the values of the divider, the
leakage current at V
IN must be taken into account, as
Voltage
Regulator
Voltage
Reference
Voltage
Reference
INPUT
V
IN
R
OUTPUT
Enable
Logic
Reset
Control
Timer
V
REF
Comparator
TCL
Fig. 8
EN
RES
Current
Controlled
Oscillator
Open drain
output RES
Switch
R1∼ 1 MΩ
Controller


Similar Part No. - A6155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6150 AITSEMI-A6150 Datasheet
524Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 150mA CMOS LOW NOISE
REV1.3
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A6150A08P ETC1-A6150A08P Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6150A0DL8A ETC1-A6150A0DL8A Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
More results

Similar Description - A6155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com