Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5580AID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL5580AID
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5580AID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL5580AID Datasheet HTML 4Page - Texas Instruments TL5580AID Datasheet HTML 5Page - Texas Instruments TL5580AID Datasheet HTML 6Page - Texas Instruments TL5580AID Datasheet HTML 7Page - Texas Instruments TL5580AID Datasheet HTML 8Page - Texas Instruments TL5580AID Datasheet HTML 9Page - Texas Instruments TL5580AID Datasheet HTML 10Page - Texas Instruments TL5580AID Datasheet HTML 11Page - Texas Instruments TL5580AID Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MECHANICAL DATA
MPDI001A – JANUARY 1995 – REVISED JUNE 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
P (R-PDIP-T8)
PLASTIC DUAL-IN-LINE
8
4
0.015 (0,38)
Gage Plane
0.325 (8,26)
0.300 (7,62)
0.010 (0,25) NOM
MAX
0.430 (10,92)
4040082/D 05/98
0.200 (5,08) MAX
0.125 (3,18) MIN
5
0.355 (9,02)
0.020 (0,51) MIN
0.070 (1,78) MAX
0.240 (6,10)
0.260 (6,60)
0.400 (10,60)
1
0.015 (0,38)
0.021 (0,53)
Seating Plane
M
0.010 (0,25)
0.100 (2,54)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-001
For the latest package information, go to http://www.ti.com/sc/docs/package/pkg_info.htm


Similar Part No. - TL5580AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5580AID TI-TL5580AID Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIDE4 TI-TL5580AIDE4 Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIDR TI-TL5580AIDR Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIDRE4 TI-TL5580AIDRE4 Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
More results

Similar Description - TL5580AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5580 TI-TL5580_06 Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
RF Micro Devices
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
   DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
logo
Knowles Electronics
SPH1642HT5H-1 KNOWLES-SPH1642HT5H-1 Datasheet
3Mb / 7P
   Wide Bandwidth, Low Noise, Precision Top Port SiSonic??Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com