Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5580AIP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL5580AIP
Description  DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5580AIP Datasheet(HTML) 3 Page - Texas Instruments

  TL5580AIP Datasheet HTML 1Page - Texas Instruments TL5580AIP Datasheet HTML 2Page - Texas Instruments TL5580AIP Datasheet HTML 3Page - Texas Instruments TL5580AIP Datasheet HTML 4Page - Texas Instruments TL5580AIP Datasheet HTML 5Page - Texas Instruments TL5580AIP Datasheet HTML 6Page - Texas Instruments TL5580AIP Datasheet HTML 7Page - Texas Instruments TL5580AIP Datasheet HTML 8Page - Texas Instruments TL5580AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TL5580, TL5580A
DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
SLOS477A – JUNE 2005 – REVISED JULY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC±
Supply voltage
±18
V
VI
Input voltage (any input)
±15
V
VID
Differential input voltage
±30
V
IO
Output current
±50
mA
D package
97
θ
JA
Package thermal impedance(2)(3)
P package
85
°C/W
PW package
149
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–60
125
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC+
2
16
Supply voltage
V
VCC–
–2
–16
TA
Operating free-air temperature
–40
85
°C
3


Similar Part No. - TL5580AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5580AIP TI-TL5580AIP Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIPE4 TI-TL5580AIPE4 Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIPW TI-TL5580AIPW Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIPWE4 TI-TL5580AIPWE4 Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
TL5580AIPWR TI-TL5580AIPWR Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
More results

Similar Description - TL5580AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5580 TI-TL5580_06 Datasheet
243Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE WIDE-BANDWIDTH PRECISION AMPLIFIER
logo
RF Micro Devices
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
   DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3861 RFMD-RF3861 Datasheet
146Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
logo
Maxim Integrated Produc...
MAX9632_1108 MAXIM-MAX9632_1108 Datasheet
1Mb / 14P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 2; 8/11
logo
Analog Devices
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
logo
Maxim Integrated Produc...
MAX9632_1110 MAXIM-MAX9632_1110 Datasheet
2Mb / 15P
   36V, Precision, Low-Noise, Wide-Band Amplifier
Rev 3; 10/11
MAX9632 MAXIM-MAX9632_V01 Datasheet
646Kb / 11P
   36V, Precision, Low-Noise, Wide-Band Amplifier
2014
logo
Knowles Electronics
SPH1642HT5H-1 KNOWLES-SPH1642HT5H-1 Datasheet
3Mb / 7P
   Wide Bandwidth, Low Noise, Precision Top Port SiSonic??Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com