Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP6008 Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP6008
Description  20W High Performance Single Synchronous Step-Up Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6008 Datasheet(HTML) 1 Page - uPI Group Inc.

  UP6008 Datasheet HTML 1Page - uPI Group Inc. UP6008 Datasheet HTML 2Page - uPI Group Inc. UP6008 Datasheet HTML 3Page - uPI Group Inc. UP6008 Datasheet HTML 4Page - uPI Group Inc. UP6008 Datasheet HTML 5Page - uPI Group Inc. UP6008 Datasheet HTML 6Page - uPI Group Inc. UP6008 Datasheet HTML 7Page - uPI Group Inc. UP6008 Datasheet HTML 8Page - uPI Group Inc. UP6008 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
uP6008
1
uP6008-DS-C3001, Dec. 2014
www.upi-semi.com
Conceptual
Drive Up to Seven White LEDs from 3V Supply
Wide VIN Range from 2.5V to 6V
Internal Soft-Start
One Pin Shutdown and Dimming Control
Wide Range for PWM Dimming (100Hz to200kHz)
Under Voltage Protection
Over-Temperature and Over-Voltage Protection
Integrated 2A, 0.2
Ω Switch
Internal Compensation
Small SOT23-6L Package
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pk
r
a
m
e
R
6
A
M
P
8
0
0
6
P
u
L
6
-
3
2
T
O
S
6
A
M
Q
8
0
0
6
P
u
Tiny Package, High Performance, Constant Current
Switching Regulator for White LED
White LED Supply for Backlight Displays
Cellular Phones
PDSs, Handheld Computers
Digital Cameras
MP3 Players
GPS Receivers
Camcorders
General Description
Applications
Ordering Information
Features
The uP6008 is a compact high-efficiency step-up converter
with integrated switch specifically designed to drive up to
seven white LEDs in series. Series connection of the LEDs
provides identical current resulting in uniform brightness.
Fixed 1.0 MHz operation allows smallest output ripple and
external component size. With high conversion efficiency
and small package, the uP6008 is suitable for portable
devices which PCB area is especially concerned.
The uP6008 features over-voltage protection against open-
LED situation. A single pin provides shutdown and accurate
LED dimming control. Other features includes internal soft
start, internal compensation, over-current protection, and
over temperature protection.
The uP6008 is available in SOT23 - 6L package.
L
22uH
COUT
1uF
CIN
2.2uF
RFB
LX
GND
EN
VOUT
FB
VIN
Chip Enable
VIN
7 WLEDs
Pin Configuration & Typical Application Circuit
Note:
(1) Please check the sample/production availability with
uPI representatives.
(2) uPI products are compatible with the current IPC/JEDEC
J-STD-020 requirements. They are halogen-free, RoHS
compliant and 100% matte tin (Sn) plating that are suit-
able for use in SnPb or Pb-free soldering processes.
SOT23-6L
GND
EN
VIN
FB
LX
VOUT
1
2
4
6
3
5


Similar Part No. - UP6008

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
UP6003AMT6 UPI-UP6003AMT6 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
UP6007 UPI-UP6007 Datasheet
599Kb / 10P
   43V High Performance White LED Driver
UP6007PDN8 UPI-UP6007PDN8 Datasheet
599Kb / 10P
   43V High Performance White LED Driver
UP6007QDN8 UPI-UP6007QDN8 Datasheet
599Kb / 10P
   43V High Performance White LED Driver
More results

Similar Description - UP6008

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6018Q UPI-UP6018Q Datasheet
707Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018P UPI-UP6018P Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6018 UPI-UP6018 Datasheet
338Kb / 14P
   20W High Performance Single Synchronous Step-Up Converter
UP6019 UPI-UP6019 Datasheet
287Kb / 14P
   High Performance Single Synchronous Step-Up Converter
UP6020 UPI-UP6020 Datasheet
206Kb / 12P
   High Performance,Single Synchronous Step-Up Converter
UP6055 UPI-UP6055 Datasheet
178Kb / 12P
   High Performance, Single Synchronous Step-Up Controller
UP6056 UPI-UP6056 Datasheet
178Kb / 12P
   High Performance, Single Synchronous Step-Up Controller
logo
Texas Instruments
TPS53513EVM-587 TI-TPS53513EVM-587 Datasheet
566Kb / 21P
[Old version datasheet]   High Performance 8-A Single Synchronous Step-Down Converter
TPS53515EVM-587 TI-TPS53515EVM-587 Datasheet
476Kb / 20P
[Old version datasheet]   High Performance 12-A, Single-Synchronous, Step-Down Converter
logo
uPI Group Inc.
UP9625 UPI-UP9625 Datasheet
352Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com