Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6484 Datasheet(PDF) 7 Page - Maxwell Technologies

Part # 6484
Description  CMOS Quad Rail-to-Rail I/O Op Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

6484 Datasheet(HTML) 7 Page - Maxwell Technologies

  6484 Datasheet HTML 1Page - Maxwell Technologies 6484 Datasheet HTML 2Page - Maxwell Technologies 6484 Datasheet HTML 3Page - Maxwell Technologies 6484 Datasheet HTML 4Page - Maxwell Technologies 6484 Datasheet HTML 5Page - Maxwell Technologies 6484 Datasheet HTML 6Page - Maxwell Technologies 6484 Datasheet HTML 7Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
CMOS Quad Rail-to-Rail I/O Op Amp
6484
01.06.05 Rev 4
Product Ordering Options
1)Products are manufactured and screened to Maxwell Technologies self-defined Class H and Class K flows.
Model Number
Feature
Option Details
6484
RP
F
X
Screening Flow
Package
Radiation Feature
Base Product
Nomenclature
Monolithic
K = Maxwell Self-Defined Class K1
H = Maxwell Self-Defined Class H1
I = Industrial (testing @ -55°C,
+25°C, +125°C)
E = Engineering (testing @ +25°C)
F = Flat Pack
RP = RAD-PAK® package
CMOS Quad Rail-to-Rail I/O Op-
Amp


Similar Part No. - 6484

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6484 POMONA-6484 Datasheet
43Kb / 2P
   Telecom 5 Way Alligator to Bantam Plug
logo
Festo Corporation.
6484 FESTO-6484 Datasheet
91Kb / 1P
   PE converter
7/13/22
More results

Similar Description - 6484

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
   Rail-to-Rail I/O Op. Amp.
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
   Rail-to-Rail I/O OP Amp
G1244 GMT-G1244 Datasheet
38Kb / 1P
   Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1211 GMT-G1211 Datasheet
212Kb / 6P
   Rail-to-Rail I/O, 100mA Output Op Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_15 Datasheet
142Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
   RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
   Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com