Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

903RPFB Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 903RPFB
Description  High Speed Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

903RPFB Datasheet(HTML) 2 Page - Maxwell Technologies

  903RPFB Datasheet HTML 1Page - Maxwell Technologies 903RPFB Datasheet HTML 2Page - Maxwell Technologies 903RPFB Datasheet HTML 3Page - Maxwell Technologies 903RPFB Datasheet HTML 4Page - Maxwell Technologies 903RPFB Datasheet HTML 5Page - Maxwell Technologies 903RPFB Datasheet HTML 6Page - Maxwell Technologies 903RPFB Datasheet HTML 7Page - Maxwell Technologies 903RPFB Datasheet HTML 8Page - Maxwell Technologies 903RPFB Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
09.12.02 REV 1
All data sheets are subject to change without notice
©2002 Maxwell TechnologiesAll
rights reserved.
High-Speed Comparator
903
TABLE 1. PINOUT DESCRIPTION
PIN
NAME
FUNCTION
1V
CC
Positive Analog Supply
2
IN+
Positive input
3
IN-
Negative input
4V
EE
Negative analog supply and substrate
5
LATCH
Latch input
6
GND
Ground terminal
7
OUT
Output
8V
DD
Positive digital supply
TABLE 2. ABSOLUTE MAXIMUM RATINGS
PARAMETER
MIN
MAX
UNITS
Analog Supply Voltage (V
CC to VEE)--
+12
V
Digital Supply Voltage (V
DD to GND)
--
+7
V
Differential Input Voltage
V
EE - 0.2
V
CC + 0.2
V
Common-mode Input Voltage
V
EE - 0.2
V
CC + 0.2
V
Latch Input Voltage
-0.2
V
DD + 0.2
V
Output Short-circuit Duration to GND
Output Short-circuit Duration to V
DD
Indefinite
--
1
min.
Operating Temperature Ranges
-55
+125
°C
Junction Temperature (Tj)
-65
+160
°C
Storage Temperature Range
-65
+150
°C
TABLE 3. AC ELECTRICAL CHARACTERISTICS
(V
CC = +5V, VEE = -5V, LATCH = LOGIC HIGH, TA = TMIN TO TMAX, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST
CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS
Input-to-output High Response Time
tpd+
VOD = 5mV,
CL = 15pF,
IO = 2mA1
9, 10, 11
--
10
15
ns
Input-to-output Low Response Time
tpd-
VOD = 5mV,
CL = 15pF,
IO = 2mA1
9, 10, 11
--
10
15
ns


Similar Part No. - 903RPFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
903 ETC2-903 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
903 ETC2-903 Datasheet
202Kb / 1P
   NYLON TUBE SPACERS
logo
Alpha Wire
903 ALPHAWIRE-903 Datasheet
171Kb / 3P
   M12?륚 Die Cast Passive I/O Box
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
List of Unclassifed Man...
903-N ETC2-903-N Datasheet
51Kb / 1P
   700 System Syringes
More results

Similar Description - 903RPFB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
LT685 LINER-LT685_15 Datasheet
104Kb / 8P
   High Speed Comparator
logo
Toshiba Semiconductor
TA8504F TOSHIBA-TA8504F Datasheet
153Kb / 4P
   HIGH SPEED COMPARATOR
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Intersil Corporation
HFA-0003 INTERSIL-HFA-0003 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com