Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA252.A.LB.001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA252.A.LB.001
Description  Sentinel Adhesive Mount 2in1 GNSS & LTE Antenna
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA252.A.LB.001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA252.A.LB.001_17 Datasheet HTML 1Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 2Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 3Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 4Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 5Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 6Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 7Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 8Page - Taoglas antenna solutions MA252.A.LB.001_17 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
SPE-16-8-068/A/WY
Page 2 of 38
1.
Introduction
The MA252 Sentinel 2in1 LTE and GPS/GLONASS/GALILEO/BeiDou L1 Antenna is an
omnidirectional, fully IP67 waterproof external M2M antenna for use in telematics,
transportation and remote monitoring applications worldwide. It is designed to be
mounted directly on glass or plastic in the interior of vehicles.
It is the smallest high performance solution in the market, 50% smaller than the
previous generation, with higher efficiency and wider bandwidth to cover emerging
LTE bands. Its performance is comparable with much larger permanent roof mount
antennas and now offers a convenient and economical alternative in-cabin mounting
solution.
Typical applications include;
HD video over LTE
First Responder and Emergency Services
Automotive vehicle tracking
Telematics
It is mounted via high quality, first tier automotive approved, 3M adhesive.
In-house world leading dielectric ceramic antenna technology inside allows for smaller
size antennas without loss in efficiency. It delivers powerful performance for
worldwide 4G LTE bands at 700MHz/800MHz/1700MHz/1800MHz/2600MHz, plus
GPS-GLONASS-GALILEO-BeiDou for next generation location accuracy.
4G wireless applications demand high speed data uplink and downlink. High efficiency
is necessary to achieve the required signal to noise ratio and throughput required to
solve these challenges. Taoglas also takes care to have high isolation between the
two MIMO antennas to prevent self-interference. Low loss cables are used to keep
efficiency high over long cable lengths.


Similar Part No. - MA252.A.LB.001_17

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA252.A.LB.001 TAOGLAS-MA252.A.LB.001 Datasheet
7Mb / 39P
   Ideal for IoT and Automotive Applications
More results

Similar Description - MA252.A.LB.001_17

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA250ALBI001 TAOGLAS-MA250ALBI001 Datasheet
5Mb / 62P
   Sentinel Adhesive Mount 3in1 LTE MIMO GNSS Antenna
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001_17 Datasheet
5Mb / 62P
   Sentinel 3in1 Adhesive Mount 2*LTE MIMO & GNSS Antenna
MA251ABI001 TAOGLAS-MA251ABI001 Datasheet
8Mb / 54P
   Sentinel Adhesive Mount 2*LTE MIMO Antenna
MA251.A.BI.001 TAOGLAS-MA251.A.BI.001_18 Datasheet
8Mb / 54P
   Sentinel Adhesive Mount 2*LTE MIMO Antenna
MA241.BI.001 TAOGLAS-MA241.BI.001_18 Datasheet
2Mb / 38P
   MA241 Genesis LTE MIMO 2in1 Adhesive Mount Combination Antenna
logo
Maxtena Inc.
MEA-1176-AM MAXTENA-MEA-1176-AM Datasheet
1Mb / 3P
   GNSS/L1L2L5L6 Adhesive Mount antenna
REV A
logo
Taoglas antenna solutio...
MA245.LBIC.002 TAOGLAS-MA245.LBIC.002 Datasheet
4Mb / 44P
   Genesis 4in1 GNSS, 2*LTE & WiFi Low Profile Adhesive Mount Antenna
logo
Pulse A Technitrol Comp...
GNSSCGMSMA PULSE-GNSSCGMSMA Datasheet
731Kb / 9P
   26dBi GNSS Antenna Adhesive mount, SMA
logo
Taoglas antenna solutio...
MA931.W.A.LBICGH.001 TAOGLAS-MA931.W.A.LBICGH.001 Datasheet
11Mb / 136P
   MA931 Guardian 6in1 Adhesive Mount Antenna LTE*2Wi-Fi*3GNSS
MA950.W.A.LBICG.005 TAOGLAS-MA950.W.A.LBICG.005 Datasheet
12Mb / 136P
   MA950 Guardian 5in1 Adhesive Mount Antenna LTE*2Wi-Fi*2GNSS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com