Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518222 Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MSM518222
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518222 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM518222 Datasheet HTML 6Page - OKI electronic componets MSM518222 Datasheet HTML 7Page - OKI electronic componets MSM518222 Datasheet HTML 8Page - OKI electronic componets MSM518222 Datasheet HTML 9Page - OKI electronic componets MSM518222 Datasheet HTML 10Page - OKI electronic componets MSM518222 Datasheet HTML 11Page - OKI electronic componets MSM518222 Datasheet HTML 12Page - OKI electronic componets MSM518222 Datasheet HTML 13Page - OKI electronic componets MSM518222 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
¡ Semiconductor
MSM518222
Notes: 1. Input signal reference levels for the parameter measurement are VIH = 3.0 V and VIL
= 0 V. The transition time tT is defined to be a transition time that signal transfers
between VIH = 3.0 V and VIL = 0 V.
2. AC measurements assume tT = 3 ns.
3. Read address must have more than a 600 address delay than write address in every
cycle when asynchronous read/write is performed.
4. Read must have more than a 600 address delay than write in order to read the data
written in a current series of write cycles which has been started at last write reset
cycle: this is called "new data read".
When read has less than a 70 address delay than write, the read data are the data
written in a previous series of write cycles which had been written before the last
write reset cycle: this is called "old data read".
5. When the read address delay is between more than 71 and less than 599, read data
will be undetermined. However, normal write is achieved in this address condition.
6. Outputs are measured with a load equivalent to 1 TTL load and 30 pF.
Output reference levels are VOH = 2.4 V and VOL = 0.8 V.


Similar Part No. - MSM518222

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-25JS OKI-MSM518222A-25JS Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-25ZS OKI-MSM518222A-25ZS Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-30GS-K OKI-MSM518222A-30GS-K Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-30JS OKI-MSM518222A-30JS Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
More results

Similar Description - MSM518222

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz