Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518222 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM518222
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518222 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM518222 Datasheet HTML 1Page - OKI electronic componets MSM518222 Datasheet HTML 2Page - OKI electronic componets MSM518222 Datasheet HTML 3Page - OKI electronic componets MSM518222 Datasheet HTML 4Page - OKI electronic componets MSM518222 Datasheet HTML 5Page - OKI electronic componets MSM518222 Datasheet HTML 6Page - OKI electronic componets MSM518222 Datasheet HTML 7Page - OKI electronic componets MSM518222 Datasheet HTML 8Page - OKI electronic componets MSM518222 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
¡ Semiconductor
MSM518222
DESCRIPTION
The OKI MSM518222 is a high performance 2-Mbit, 256K ¥ 8-bit, Field Memory. It is designed for
high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies
and Multi-media systems. The 2-Mbit capacity fits one field of a conventional NTSC TV screen. Two
cascaded MSM518222s make one frame of the screen: two or more MSM518222s can be cascaded
directly without any delay devices between them. (Cascading provides larger storage depth or a
longer delay).
Each of the 8-bit planes has separate serial write and read ports. These employ independent control
clocks to support asynchronous read and write operations. Different clock rates are also supported,
which allow alternate data rates between write and read data streams.
TheMSM518222provideshighspeedFIFO,First-InFirst-Out,operationwithoutexternalrefreshing:
it refreshes its DRAM storage cells automatically, so that it appears fully static to the users.
Moreover, fully static type memory cells and decoders for serial access enable the refresh free serial
access operation, so that serial read and/or write control clock can be halted high or low for any
duration as long as the power is on. Internal conflicts of memory access and refreshing operations
are prevented by special arbitration logic.
The MSM518222's function is simple and similar to a digital delay device whose delay-bit-length is
easily set by reset timing. The delay length, and the number of read delay clocks between write and
read, is determined by externally controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 256 ¥ 8-bit enable high speed
first-bit-access with no clock delay just after the write or read reset timings.
TheMSM518222issimilarinoperationandfunctionalitytoOKI1-MbitFieldMemoryMSM514221B,
with the addition of cascade capability. (As for MSM514221B operation compatible 2-Mbit Field
Memory, OKI has the MSM518221 which is a sister device of MSM518222).
Additionally, the MSM518222 has a write mask function or input enable function (IE), and read-data
skipping function or output enable function (OE). The differences between write enable (WE) and
input enable (IE), and between read enable (RE) and output enable (OE) are that WE and RE can stop
serial write/read address increments, but IE and OE cannot stop the increment, when write/read
clocking is continuously applied to MSM518222. The input enable (IE) function allows the user to
writeintoselectedlocationsofthememoryonly,leavingtherestofthememorycontentsunchanged.
This facilitates data processing to display a "picture in picture" on a TV screen.
¡ Semiconductor
MSM518222
262,214-Word
¥ 8-Bit Field Memory
This version: Jan. 1998
Previous version: Dec. 1996
E2L0033-17-Y1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn