Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518222 Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MSM518222
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM518222 Datasheet(HTML) 7 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
¡ Semiconductor
MSM518222
Power-up and Initialization
On power-up, the device is designed to begin proper operation after at least 100 ms after VCC has
stabilized to a value within the range of recommended operating conditions. After this 100 ms
stabilization interval, the following initialization sequence must be performed.
Because the read and write address counters are not valid after power-up, a minimum of 80 dummy
write operations (SWCK cycles) and read operations (SRCK cycles) must be performed, followed by
an RSTW operation and an RSTR operation, to properly initialize the write and the read address
pointer. Dummy write cycles/RSTW and dummy read cycles/RSTR may occur simultaneously.
If these dummy read and write operations start while VCC and/or the substrate voltage has not
stabilized, it is necessary to perform an RSTR operation plus a minimum of 80 SRCK cycles plus
another RSTR operation, and an RSTW operation plus a minimum of 80 SRCK cycles plus another
RSTW operation to properly initialize read and write address pointers.
Old/New Data Access
There must be a minimum delay of 600 SWCK cycles between writing into memory and reading out
from memory. If reading from the first field starts with an RSTR operation, before the start of writing
the second field (before the next RSTW operation), then the data just written will be read out.
The start of reading out the first field of data may be delayed past the beginning of writing in the
second field of data for as many as 70 SWCK cycles. If the RSTR operation for the first field read-out
occurs less than 70 SWCK cycles after the RSTW operation for the second field write-in, then the
internal buffering of the device assures that the first field will still be read out. The first field of data
that is read out while the second field of data is written is called "old data".
In order to read out"new data", i.e., the second field written in, the delay between an RSTW operation
and an RSTR operation must be at least 600 SRCK cycles. If the delay between RSTW and RSTR
operations is more than 71 but less than 600 cycles, then the data read out will be undetermined. It
may be "old data" or "new" data, or a combination of old and new data. Such a timing should be
avoided.
Cascade Operation
The MSM518222 is designed to allow easy cascading of multiple memory devices. This provides
higher storage depth, or a longer delay than can be achieved with only one memory device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn