Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM518221
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM518221 Datasheet HTML 1Page - OKI electronic componets MSM518221 Datasheet HTML 2Page - OKI electronic componets MSM518221 Datasheet HTML 3Page - OKI electronic componets MSM518221 Datasheet HTML 4Page - OKI electronic componets MSM518221 Datasheet HTML 5Page - OKI electronic componets MSM518221 Datasheet HTML 6Page - OKI electronic componets MSM518221 Datasheet HTML 7Page - OKI electronic componets MSM518221 Datasheet HTML 8Page - OKI electronic componets MSM518221 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
¡ Semiconductor
MSM518221
DESCRIPTION
The OKI MSM518221 is a high performance 2-Mbit, 256K ¥ 8-bit, Field Memory. It is designed for
high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies
and Multi-media systems. The 2-Mbit capacity fits one field of a conventional NTSC TV screen.
Each of the 8-bit planes has separate serial write and read ports. These employ independent control
clocks to support asynchronous read and write operations. Different clock rates are also supported,
which allow alternate data rates between write and read data streams.
TheMSM518221provideshighspeedFIFO,First-InFirst-Out,operationwithoutexternalrefreshing:
it refreshes its DRAM storage cells automatically, so that it appears fully static to the users.
Moreover, fully static type memory cells and decoders for serial access enable the refresh free serial
access operation, so that serial read and/or write control clock can be halted high or low for any
duration as long as the power is on. Internal conflicts of memory access and refreshing operations
are prevented by special arbitration logic.
The MSM518221's function is simple, and similar to a digital delay device whose delay-bit-length is
easily set by reset timing. The delay length, and the number of read delay clocks between write and
read, is determined by externally controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 256 ¥ 8-bit enable high speed
first-bit-access with no clock delay just after the write or read reset timings.
TheMSM518221issimilarinoperationandfunctionalitytoOKI1-MbitFieldMemoryMSM514221B.
It has a write mask function or input enable function (IE), and read-data skipping function or output
enablefunction(OE). Thedifferencesbetweenwriteenable(WE)andinputenable(IE),andbetween
read enable (RE) and output enable (OE) are that WE and RE can stop serial write/read address
increments, but IE and OE cannot stop the increment, when write/read clocking is continuously
applied to MSM518221. The input enable (IE) function allows the user to write into selected locations
of the memory only, leaving the rest of the memory contents unchanged. This facilitates data
processing to display a "picture in picture" on a TV screen.
¡ Semiconductor
MSM518221
262,214-Word
¥ 8-Bit Field Memory
This version: Jan. 1998
Previous version: Dec. 1996
E2L0032-17-Y1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn