Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221 Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM518221
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM518221 Datasheet HTML 4Page - OKI electronic componets MSM518221 Datasheet HTML 5Page - OKI electronic componets MSM518221 Datasheet HTML 6Page - OKI electronic componets MSM518221 Datasheet HTML 7Page - OKI electronic componets MSM518221 Datasheet HTML 8Page - OKI electronic componets MSM518221 Datasheet HTML 9Page - OKI electronic componets MSM518221 Datasheet HTML 10Page - OKI electronic componets MSM518221 Datasheet HTML 11Page - OKI electronic componets MSM518221 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
¡ Semiconductor
MSM518221
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Input Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
IOS
PD
Topr
Tstg
at Ta = 25°C, VSS
Ta = 25°C
Ta = 25°C
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Unit
V
mA
W
°C
°C
Recommended Operating Conditions
Parameter
Symbol
Min.
Unit
Typ.
Max.
Power Supply Voltage
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
V
V
V
V
4.5
0
2.4
–1.0
5.0
0
VCC
0
5.5
0
VCC + 1
0.8
DC Characteristics
Parameter
Symbol
Condition
Min.
Input Leakage Current
Output Leakage Current
Output "H" Level Voltage
Output "L" Level Voltage
Operating Current
Standby Current
ILI
ILO
VOH
VOL
ICC1
ICC2
Minimum Cycle Time, Output Open
–10
–10
2.4
Max.
Unit
10
10
0.4
60
50
40
5
mA
mA
V
V
mA
mA
-25
-30
-40
0 < VI < VCC + 1, Other Pins Tested at V = 0 V
0 < VO < VCC
IOH = –1 mA
IOL = 2 mA
Input Pin = VIH / VIL
Capacitance
Parameter
Unit
Input Capacitance (DIN, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE)
Output Capacitance (DOUT)
pF
pF
CI
CO
7
7
Symbol
Max.
(Ta = 25°C, f = 1 MHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn