Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM518221
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM518221 Datasheet HTML 1Page - OKI electronic componets MSM518221 Datasheet HTML 2Page - OKI electronic componets MSM518221 Datasheet HTML 3Page - OKI electronic componets MSM518221 Datasheet HTML 4Page - OKI electronic componets MSM518221 Datasheet HTML 5Page - OKI electronic componets MSM518221 Datasheet HTML 6Page - OKI electronic componets MSM518221 Datasheet HTML 7Page - OKI electronic componets MSM518221 Datasheet HTML 8Page - OKI electronic componets MSM518221 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
¡ Semiconductor
MSM518221
OPERATION
Write Operation
The write operation is controlled by three clocks, SWCK, RSTW, and WE. Write operation is
accomplished by cycling SWCK, and holding WE high after the write address pointer reset operation
or RSTW.
Each write operation, which begins after RSTW, must contain at least 80 active write cycles, i.e.
SWCK cycles while WE is high. To transfer the last data to the DRAM array, which at that time
is stored in the serial data registers attached to the DRAM array, an RSTW operation is required
after the last SWCK cycle.
Write Reset : RSTW
The first positive transition of SWCK after RSTW becomes high resets the write address counters to
zero. RSTW setup and hold times are referenced to the rising edge of SWCK. Because the write reset
function is solely controlled by the SWCK rising edge after the high level of RSTW, the states of WE
and IE are ignored in the write reset cycle.
Before RSTW may be brought high again for a further reset operation, it must be low for at least two
SWCK cycles.
Data Inputs : DIN0 - 7
Write Clock : SWCK
The SWCK latches the input data on chip when WE is high, and also increments the internal write
addresspointer. Data-insetuptimetDS,andholdtimetDHarereferencedtotherisingedgeofSWCK.
Write Enable : WE
WE is used for data write enable/disable control. WE high level enables the input, and WE low level
disables the input and holds the internal write address pointer. There are no WE disable time (low)
and WE enable time (high) restrictions, because the MSM518221 is in fully static operation as long
as the power is on. Note that WE setup and hold times are referenced to the rising edge of SWCK.
Input Enable : IE
IE is used to enable/disable writing into memory. IE high level enables writing. The internal write
addresspointerisalwaysincrementedbycyclingSWCKregardlessoftheIElevel. NotethatIEsetup
and hold times are referenced to the rising edge of SWCK.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn