Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM518221 Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSM518221
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518221 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM518221 Datasheet HTML 1Page - OKI electronic componets MSM518221 Datasheet HTML 2Page - OKI electronic componets MSM518221 Datasheet HTML 3Page - OKI electronic componets MSM518221 Datasheet HTML 4Page - OKI electronic componets MSM518221 Datasheet HTML 5Page - OKI electronic componets MSM518221 Datasheet HTML 6Page - OKI electronic componets MSM518221 Datasheet HTML 7Page - OKI electronic componets MSM518221 Datasheet HTML 8Page - OKI electronic componets MSM518221 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
¡ Semiconductor
MSM518221
DIN4
DIN5
DIN6
DIN7
RSTW
SWCK
NC
RE
OE
DOUT7
DOUT6
DOUT5
DOUT4
VSS
VCC
DIN3
DIN2
DIN1
DIN0
IE
WE
NC
SRCK
RSTR
DOUT0
DOUT1
DOUT2
DOUT3
DIN4
DIN5
DIN6
DIN7
RSTW
SWCK
NC
RE
OE
DOUT7
DOUT6
DOUT5
DOUT4
VSS
VCC
DIN3
DIN2
DIN1
DIN0
IE
WE
NC
SRCK
RSTR
DOUT0
DOUT1
DOUT2
DOUT3
1
3
5
7
9
11
13
15
17
19
21
23
25
27
WE
DIN0
DIN2
VCC
DIN5
DIN7
SWCK
NC
OE
DOUT6
DOUT4
DOUT3
DOUT1
RSTR
2
4
6
8
10
12
14
16
18
20
22
24
26
28
IE
DIN1
DIN3
DIN4
DIN6
RSTW
NC
RE
DOUT7
DOUT5
VSS
DOUT2
DOUT0
SRCK
3
4
5
9
10
11
12
13
26
25
24
20
19
18
17
16
2
27
1
28
3
4
5
9
10
11
12
13
26
25
24
20
19
18
17
16
2
27
1
28

623
23
821
21
6
8
722
22
7
14
15
14
15

28-Pin Plastic ZIP
28-Pin Plastic SOJ
28-Pin Plastic SOP
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
Serial Write Clock
Serial Read Clock
Write Enable
Read Enable
Input Enable
Output Enable
Write Reset Clock
Read Reset Clock
Data Input
Data Output
Power Supply (5 V)
Ground (0 V)
SWCK
SRCK
WE
RE
IE
OE
RSTW
RSTR
DIN0 - 7
DOUT0 - 7
VCC
VSS
NC
No Connection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn