Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR4010T6R8M Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # NR4010T6R8M
Description  SMD Power Inductors (NR series)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NR4010T6R8M Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  NR4010T6R8M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc NR4010T6R8M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc NR4010T6R8M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
4.0 + / - 0.2
( 0.157 + / - 0.008 )
Width :
4.0 + / - 0.2
( 0.157 + / - 0.008 )
Height :
1.0
max.
( 0.039
max. )
Inductance :
6.8
uH
( test freq at 0.1MHz )
DC Resistance :
0.3
/
0.36
ohm ( typ / max )
Saturation Current :
740
mA ( max )
Temp. rise Current :
620
mA ( max )
Saturation current typical : 30% reduction from initial L value.
Temp rise Current typical : Temperature will rise by 40 deg C
2015/8/20
SMD Power Inductors (NR series)
unit : mm
unit : inch
NR4010T6R8M
0
2
4
6
8
10
0
200
400
600
800
1000
DC Bias [mA]
DC Bias vs Inductance
0.1
1
10
100
0.1
1
10
100
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
200
400
600
800
1000
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.


Similar Part No. - NR4010T6R8M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR4010T100M TAIYO-YUDEN-NR4010T100M Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
NR4010T150M TAIYO-YUDEN-NR4010T150M Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
NR4010T1R0N TAIYO-YUDEN-NR4010T1R0N Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
NR4010T220M TAIYO-YUDEN-NR4010T220M Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
NR4010T2R2N TAIYO-YUDEN-NR4010T2R2N Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
More results

Similar Description - NR4010T6R8M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T1R4N TAIYO-YUDEN-NR8040T1R4N Datasheet
146Kb / 1P
   SMD Power Inductors (NR series)
NR6012T220ME TAIYO-YUDEN-NR6012T220ME Datasheet
300Kb / 3P
   SMD Power Inductors (NR series)
NR6012T470ME TAIYO-YUDEN-NR6012T470ME Datasheet
299Kb / 3P
   SMD Power Inductors (NR series)
NR4012T6R8M TAIYO-YUDEN-NR4012T6R8M Datasheet
300Kb / 3P
   SMD Power Inductors (NR series)
NR4018T150M TAIYO-YUDEN-NR4018T150M Datasheet
293Kb / 3P
   SMD Power Inductors (NR series)
NR6045T4R5M TAIYO-YUDEN-NR6045T4R5M Datasheet
295Kb / 3P
   SMD Power Inductors (NR series)
NR6045T470M TAIYO-YUDEN-NR6045T470M Datasheet
291Kb / 3P
   SMD Power Inductors (NR series)
NR8040T0R9N TAIYO-YUDEN-NR8040T0R9N_19 Datasheet
301Kb / 3P
   SMD Power Inductors (NR series)
NR6028T101M TAIYO-YUDEN-NR6028T101M Datasheet
291Kb / 3P
   SMD Power Inductors (NR series)
NR6028T150M TAIYO-YUDEN-NR6028T150M Datasheet
291Kb / 3P
   SMD Power Inductors (NR series)
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M_19 Datasheet
295Kb / 3P
   SMD Power Inductors (NR series)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com