Electronic Components Datasheet Search |
|
BA07T Datasheet(PDF) 3 Page - Rohm |
|
BA07T Datasheet(HTML) 3 Page - Rohm |
3 / 8 page BAOOT / BAOOFP series Regulator ICs ! ! ! ! Electrical characteristics BA03T / FP (unless otherwise noted, Ta=25 °C, VCC=8V, IO=500mA) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement circuit 2.85 3.0 3.15 V Fig.1 Reg.I - 20 100 mV VIN = 4 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA033T / FP (unless otherwise noted, Ta=25 °C, VCC=8V, IO=500mA) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement circuit 3.13 3.3 3.47 V Fig.1 Reg.I - 20 100 mV VIN = 4.3 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95VO Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA05T / FP (unless otherwise noted, Ta=25 °C, VCC=10V, IO=500mA) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement circuit 4.75 5.0 5.25 V Fig.1 Reg.I - 20 100 mV VIN = 6 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 4.75V Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0~125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage BA06T / FP (unless otherwise noted, Ta=25 °C, VCC =11V, IO= 500mA) (under development) Parameter Symbol Min. Typ. Max. Unit Conditions − Measurement circuit 5.7 6.0 6.3 V Fig.1 Reg.I - 20 100 mV VIN = 7 →25V Fig.1 R.R. 45 55 - dB Fig.2 Reg.L - 50 150 mV Fig.1 - ±0.02 - Fig.1 Vd - 0.3 0.5 V Ib - 2.5 5.0 mA 1.0 1.5 - A Tj = 25 °C Fig.1 - 0.4 - A VO1 Tcvo IO-P Ios Io = 5mA →1A Vcc = 0.95V Io = 0mA Fig.5 Fig.4 Fig.3 eIN = 1V rms, f = 120Hz, Io = 100mA Io = 5mA, Tj = 0125 °C Vcc = 25V % / °C Input stability Ripple rejection ratio Load regulation Temperature coefficient of output voltage Dropout voltage Bias current Peak output current Output short-circuit current Output voltage |
Similar Part No. - BA07T |
|
Similar Description - BA07T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |