Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4560P Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # S4560P
Description  Dual high slew rate OP AMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S4560P Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  S4560P Datasheet HTML 1Page - KODENSHI_AUK CORP. S4560P Datasheet HTML 2Page - KODENSHI_AUK CORP. S4560P Datasheet HTML 3Page - KODENSHI_AUK CORP. S4560P Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-I1E007-001
1
S4560P
Dual high slew rate OP AMP
F
Description
The S4560P is dual operat ional am plifier s w hich achieve appr oxim at ely t w ice t he high
out put cur r ent of t he S4560P, as w ell as feat ur ing a higher slew rat e of 4V/ us, a gain band
w idt h of 10MHz, and an im pr oved fr equency charact er ist ic.
Features
• Built-in output short- circuit protection circuit.
• I nternal phase correction.
• No latch-up
• Wide sam e phase m ode and differential voltage ranges
• High gain. low noise
Applications
• Active filters
• Audio am plifiers
• VCOs
• Other electronic circuits
Ordering Information
Ty pe N O.
M a r k in g
Pa ck a ge Code
S4560P
S4560P
DI P- 8
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
Block Diagram
6.20~ 6.60
3.60 Max .
0.33 Min.
7.37~ 7.87
0.35 Max .
1
2
3
4
8
7
6
5


Similar Part No. - S4560P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S4560P AUK-S4560P Datasheet
304Kb / 3P
   Dual high slew rate OP AMP
More results

Similar Description - S4560P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
   Dual High Slew Rate Op Amp
January 15 1988
logo
KODENSHI_AUK CORP.
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
   Dual high slew rate OP AMP
logo
AUK corp
S4560P AUK-S4560P Datasheet
304Kb / 3P
   Dual high slew rate OP AMP
S4560 AUK-S4560 Datasheet
299Kb / 4P
   Dual high slew rate OP AMP
logo
KODENSHI_AUK CORP.
S4560 KODENSHI-S4560 Datasheet
196Kb / 4P
   Dual high slew rate OP AMP
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
   High Slew Rate Op Amp
)ctober 7 1987
logo
National Semiconductor ...
CLC404 NSC-CLC404 Datasheet
374Kb / 6P
   Wideband, High-Slew Rate, Monolithic Op Amp
logo
Texas Instruments
CLC404 TI1-CLC404 Datasheet
391Kb / 10P
[Old version datasheet]   Wideband, High Slew Rate, Monolithic Op Amp
logo
Global Mixed-mode Techn...
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
   Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
   Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com