Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

458J Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 458J
Description  High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

458J Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  458J Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Models 458 and 460 are high performance, differential input, voltage
to frequency modular converters designed for analog to digital
applications requiring accuracy and fast data conversion. Model 458
offers a l00kHz full scale frequency, guaranteed nonlinearity of
±0.01% maximum over five decades (1Hz to 100kHz) of operation
and guaranteed low maximum gain drift in three model selections;
model 458L: 5ppm/
°C max; model 458K: 10ppm/°C max; and model
458J: 20ppm/
°C max. Model 460 offers a 1MHz full scale frequency,
guaranteed maximum nonlinearity of ±0.015% over six decades (1Hz
to 1MHz) of operation and guaranteed low maximum gain drift in
three selections; model 460L: 15ppm/
°C max; model 460K:
25ppm/
°C max; and model 460J: 50ppm/°C max. Model 460L is the
industry's first 1MHz V/F converter to offer 15ppm/
°C maximum gain
drift.
The differential input stage of models 458 and 460 provide the
versatility of either direct interface to off-ground 0 to +11V input
signals with common mode voltages (CMV) to ±10V, as well as
ground referenced positive, 0 to +11V or negative, 0 to -11V signals.
Both models also accept positive current signals: 0 to +0.5mA, model
458; 0 to +1mA, model 460 for current to frequency (I/F) applications.
The rated performance of both models 458 and 460 is achieved
without the need for external components or adjustments. Optional
adjustments are available for trimming full scale frequency and the
input offset voltage.
WHERE TO USE MODELS 458 AND 460
The combination of low gain drift, low nonlinearity and the versatility
of a differential input with both high speed (100kHz/1MHz) models,
offer excellent solutions to a wide variety of demanding applications;
in high speed remote data acquisition systems - two wire data
transmission over long wires; in 5½ digit DVM's - featuring high
resolution A/D conversion, monotonic performance, no missing codes
and high noise rejection; in strain gage bridge weighing applications -
accurate ratiometric measurements over wide dynamic range.
DESIGN APPROACH - PRECISION CHARGE BALANCE
Models 458 and 460 incorporate a superior charge balance design that
result in high linearity and temperature stability - see Figure 1. Both
models accept unipolar, single-ended voltage or current input signals
directly. By offsetting the input using the current terminal, models
458 and 460 will accept bipolar input voltages up to ±5V.
Information furnished by Intronics is believed to be accurate and reliable. However, no
responsibility is assumed by Intronics for its use; nor for any infringements of patents or
other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Intronics.
FEATURES
High Stability: 5ppm/
°C max, Model 458L
15ppm/
°C max, Model 460L
Low Nonlinearity: 100ppm max, Model 458
150ppm max, Model 460
Versatility: Differential Input Stage
Voltage and Current Inputs
Floating Inputs:
±10V CMV
Wide Dynamic Range: 6 Decades, Model 460
TTL/DTL Compatible Output
APPLICATIONS
Fast Analog-to-Digital Converter
High Resolution Optical Data Link
Ratiometric Measurements
2-Wire High Noise Immunity Digital Transmission
Long Term Precision Integrator
1400 Providence Highway, Building #2
Norwood, MA 02062
Phone (781) 551-5500
FAX (781) 551-5555
www.intronicspower.com
High Accuracy, 100kHz and 1MHz
Voltage to Frequency Converters
Models 458 and 460
MODEL
FULL SCALE OUTPUT
R1
R2
R3
458
100kHz
20K
10K
4.7K
460
1Mhz
10K
2K
910
Figure 1. Block Diagram – Models 458,560


Similar Part No. - 458J

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
458J INTRONICS-458J Datasheet
854Kb / 4P
   High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
More results

Similar Description - 458J

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
458 INTRONICS-458 Datasheet
854Kb / 4P
   High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
451 INTRONICS-451 Datasheet
1Mb / 6P
   Low-Cost, Versatile, 10/100kHz Frequency to Voltage Converters
logo
List of Unclassifed Man...
451K ETC1-451K Datasheet
44Kb / 1P
   Low-Cost, Versatile, 10/100kHz Frequency to Voltage Converters
logo
EUROQUARTZ limited
CX11SM EUROQUARTZ-CX11SM Datasheet
117Kb / 1P
   Frequency Range 32.768kHz and 100kHz to 180kHz
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com