Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EQJF Datasheet(PDF) 3 Page - EUROQUARTZ limited

Part No. EQJF
Description  High Frequency - Ultra-Low Jitter 50MHz to 2100MHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

EQJF Datasheet(HTML) 3 Page - EUROQUARTZ limited

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
OUTLINE & DIMENSIONS
SSB Phase
Noise Data
(dBc/Hz Typical)
Frequency (MHz)
156.25
491.52
644.53
1480
2100
10Hz offset
-39
-16
-31
-12
-18
100Hz offset
-74
-48
-58
-54
-49
1kHz offset
-99
-83
-86
-80
-77
10kHz offset
-123
-112
-110
-104
-100
100kHz offset
-139
-128
-126
-119
-116
1MHz offset
-149
-140
-137
-130
-125
5MHz offset
-156
-151
-150
-145
-141
10MHz offset
-157
-153
-153
-148
-145
20MHz offset
-157
-154
-153
-150
-147
Phase Jitter fs
(12kHz~20MHz RMS)
159
155
151
147
163
EQJF578 PHASE NOISE & PHASE JITTER
(Typical) VDD = +3.3V, Output Enable +3.3V
Page 3 of 4
High Frequency - Ultra-Low Jitter
50MHz to 2100MHz
EQJF SERIES OSCILLATORS


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn